データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRL1104S データシート(PDF) 4 Page - International Rectifier

部品番号 IRL1104S
部品情報  Advanced Process Technology Logic-Level Gate Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRL1104S データシート(HTML) 4 Page - International Rectifier

  IRL1104S Datasheet HTML 1Page - International Rectifier IRL1104S Datasheet HTML 2Page - International Rectifier IRL1104S Datasheet HTML 3Page - International Rectifier IRL1104S Datasheet HTML 4Page - International Rectifier IRL1104S Datasheet HTML 5Page - International Rectifier IRL1104S Datasheet HTML 6Page - International Rectifier IRL1104S Datasheet HTML 7Page - International Rectifier IRL1104S Datasheet HTML 8Page - International Rectifier IRL1104S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRL1104S/L
4
www.irf.com
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
20
40
60
80
0
2
4
6
8
10
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
62 A
V
= 20V
DS
V
= 32V
DS
1
10
100
1000
10000
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 175 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
1
10
100
0
1000
2000
3000
4000
5000
6000
V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0.1
1
10
100
1000
0.2
0.8
1.4
2.0
2.6
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 175 C
J
°
T = 25 C
J
°


同様の部品番号 - IRL1104S

メーカー部品番号データシート部品情報
logo
International Rectifier
IRL1104S IRF-IRL1104S Datasheet
203Kb / 11P
   Logic-Level Gate Drive
IRL1104SPBF IRF-IRL1104SPBF Datasheet
222Kb / 10P
   HEXFET Power MOSFET
More results

同様の説明 - IRL1104S

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLZ24NPBF IRF-IRLZ24NPBF Datasheet
771Kb / 9P
   Logic-Level Gate Drive, Advanced Process Technology
AUIRLR014N IRF-AUIRLR014N Datasheet
209Kb / 12P
   Advanced Planar Technology Logic-Level Gate Drive
AUIRLR3705Z IRF-AUIRLR3705Z Datasheet
292Kb / 13P
   Logic Level Advanced Process Technology
AUIRL3705Z IRF-AUIRL3705Z Datasheet
384Kb / 15P
   Logic Level Advanced Process Technology
IRLZ44ZPBF IRF-IRLZ44ZPBF_10 Datasheet
387Kb / 12P
   Logic Level, Advanced Process Technology, Ultra Low On-Resistance
IRLR3105TRPBF IRF-IRLR3105TRPBF Datasheet
327Kb / 11P
   Logic-Level Gate Drive
IRLZ34NSLPBF IRF-IRLZ34NSLPBF Datasheet
191Kb / 11P
   Logic-Level Gate Drive
IRLR014NTRPBF IRF-IRLR014NTRPBF Datasheet
293Kb / 10P
   Logic-Level Gate Drive
logo
Kersemi Electronic Co.,...
IRLU024N KERSEMI-IRLU024N Datasheet
939Kb / 10P
   Logic-Level Gate Drive
IRLU3410 KERSEMI-IRLU3410 Datasheet
921Kb / 10P
   Logic Level Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com