データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI9925DY データシート(PDF) 5 Page - NXP Semiconductors

部品番号 SI9925DY
部品情報  N-channel enhancement mode field-effect transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SI9925DY データシート(HTML) 5 Page - NXP Semiconductors

  SI9925DY Datasheet HTML 1Page - NXP Semiconductors SI9925DY Datasheet HTML 2Page - NXP Semiconductors SI9925DY Datasheet HTML 3Page - NXP Semiconductors SI9925DY Datasheet HTML 4Page - NXP Semiconductors SI9925DY Datasheet HTML 5Page - NXP Semiconductors SI9925DY Datasheet HTML 6Page - NXP Semiconductors SI9925DY Datasheet HTML 7Page - NXP Semiconductors SI9925DY Datasheet HTML 8Page - NXP Semiconductors SI9925DY Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Philips Semiconductors
Si9925DY
N-channel enhancement mode field-effect transistor
Product data
Rev. 01 — 20 July 2001
5 of 13
9397 750 08415
© Philips Electronics N.V. 2001. All rights reserved.
8.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VGS(th)
gate-source threshold voltage
ID = 250 µA; VDS =VGS; Figure 9
0.8
−−
V
IDSS
drain-source leakage current
VDS =16V; VGS =0V; Tj =25 °C
−−
1
µA
VDS =10V; VGS =0V; Tj =70 °C
−−
5
µA
IGSS
gate-source leakage current
VGS = ±12 V; VDS =0V
−−
100
nA
RDSon
drain-source on-state resistance
VGS = 10 V; ID =10A; Figure 7 and 8
25
38
45
m
VGS = 4.5 V; ID =5A; Figure 7 and 8
41
50
m
VGS =3V; ID = 3.9 A; Figure 7 and 8
50
60
m
VGS = 2.5 V; ID =1A; Figure 7 and 8
62
80
m
Dynamic characteristics
gfs
forward transconductance
VDS =15V; ID =10A
14
S
Qg(tot)
total gate charge
ID = 5 A; VDS =6V; VGS = 4.5 V; Figure 13
920
nC
Qgs
gate-source charge
2
nC
Qgd
gate-drain (Miller) charge
2.6
nC
td(on)
turn-on delay time
VDD =6V; RD =6 Ω; VGS =10V; RG =6 Ω−
14
40
ns
tr
turn-on rise time
13
30
ns
td(off)
turn-off delay time
35
60
ns
tf
turn-off fall time
930
ns
Source-drain (reverse) diode
VSD
source-drain (diode forward) voltage IS = 2.3A; VGS =0V; Figure 12
0.81
1.2
V
trr
reverse recovery time
IS = 5 A; dIS/dt = −100 A/µs; VGS =0V
60
150
ns


同様の部品番号 - SI9925DY

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI9925DY VISHAY-SI9925DY Datasheet
41Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. N, 26-May-03
SI9925DY-T1 VISHAY-SI9925DY-T1 Datasheet
41Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. N, 26-May-03
logo
VBsemi Electronics Co.,...
SI9925DY-T1-E3 VBSEMI-SI9925DY-T1-E3 Datasheet
985Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
More results

同様の説明 - SI9925DY

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com