データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI9936DY データシート(PDF) 6 Page - NXP Semiconductors

部品番号 SI9936DY
部品情報  N-channel enhancement mode field-effect transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SI9936DY データシート(HTML) 6 Page - NXP Semiconductors

Back Button SI9936DY Datasheet HTML 2Page - NXP Semiconductors SI9936DY Datasheet HTML 3Page - NXP Semiconductors SI9936DY Datasheet HTML 4Page - NXP Semiconductors SI9936DY Datasheet HTML 5Page - NXP Semiconductors SI9936DY Datasheet HTML 6Page - NXP Semiconductors SI9936DY Datasheet HTML 7Page - NXP Semiconductors SI9936DY Datasheet HTML 8Page - NXP Semiconductors SI9936DY Datasheet HTML 9Page - NXP Semiconductors SI9936DY Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Philips Semiconductors
Si9936DY
N-channel enhancement mode field-effect transistor
Product data
Rev. 01 — 16 July 2001
6 of 13
9397 750 08413
© Philips Electronics N.V. 2001. All rights reserved.
Tj =25 °CTj =25 °C and 150 °C; VDS > ID × RDSon
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
03af69
0
10
20
30
40
0
0.5
1
1.5
2
2.5
3
VDS (V)
ID
(A)
3.5 V
5 V
4.5 V
4 V
10 V
3 V
VGS = 2 V
2.5 V
6 V
Tj = 25 ºC
03af71
0
10
20
30
40
01234567
VGS (V)
ID
(A)
VDS > ID x RDSon
Tj = 150 ºC
25 ºC
03af70
0
0.02
0.04
0.06
0.08
0
10203040
ID (A)
RDSon
(
Ω)
Tj = 25 ºC
VGS = 4.5 V 5 V
6 V
10 V
03ad57
0
0.4
0.8
1.2
1.6
2
-60
0
60
120
180
Tj (ºC)
a
a
R
DSon
R
DSon 25 C
°
()
----------------------------
=


同様の部品番号 - SI9936DY

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
SI9936DY FAIRCHILD-SI9936DY Datasheet
240Kb / 3P
   Dual N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SI9936DY-T1-E3 VBSEMI-SI9936DY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

同様の説明 - SI9936DY

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com