データシートサーチシステム |
|
UF3G-T3 データシート(PDF) 2 Page - Won-Top Electronics |
|
UF3G-T3 データシート(HTML) 2 Page - Won-Top Electronics |
2 / 4 page UF3A – UF3K 2 of 4 © 2006 Won-Top Electronics 50V DC Approx 50 NI (Non-inductive) Ω 10 NI Ω 1.0 NI Ω Oscilloscope (Note 1) Pulse Generator (Note 2) Device Under Test t rr Set time base for 10ns/cm +0.5A 0A -0.25A -1.0A Notes: 1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF. 2. Rise Time = 10ns max. Input Impedance = 50 . Ω Ω Fig. 5 Reverse Recovery Time Characteristic and Test Circuit (+) (+) (-) (-) 0.01 0.1 1.0 10 100 1000 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 4 Typical Reverse Characteristics T = 100 C j ° T = 25 C j ° 0.01 0.1 1.0 10 0 0.4 0.8 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics F T - 25 C j ° Pulse Width = 300 s µ 1.2 1.6 2.0 UF3A - UF3D UF3G UF3J - UF3K 0 25 50 75 100 1 10 100 NUMBER OF CYCLES AT 60Hz Fig. 3 Forward Surge Current Derating Curve Single Half Sine-Wave (JEDEC Method) T = 150 C j ° 0 1.5 3.0 25 50 75 100 125 150 T , LEAD TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve L ° |
同様の部品番号 - UF3G-T3 |
|
同様の説明 - UF3G-T3 |