データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC244A-20 データシート(PDF) 11 Page - Texas Instruments

部品番号 TC244A-20
部品情報  786-488-PIXEL CCD IMAGE SENSOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TC244A-20 データシート(HTML) 11 Page - Texas Instruments

Back Button TC244A-20 Datasheet HTML 7Page - Texas Instruments TC244A-20 Datasheet HTML 8Page - Texas Instruments TC244A-20 Datasheet HTML 9Page - Texas Instruments TC244A-20 Datasheet HTML 10Page - Texas Instruments TC244A-20 Datasheet HTML 11Page - Texas Instruments TC244A-20 Datasheet HTML 12Page - Texas Instruments TC244A-20 Datasheet HTML 13Page - Texas Instruments TC244A-20 Datasheet HTML 14Page - Texas Instruments TC244A-20 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TC244A
786-
× 488-PIXEL CCD IMAGE SENSOR
SOCS056 – JUNE 1996
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating ranges of supply voltage and operating
free-air temperature (unless otherwise noted)
PARAMETER
MIN
TYP†
MAX
UNIT
Dynamic range (see Note 2)
Antiblooming disabled (see Note 3)
60
70
dB
Charge-conversion factor
3.8
4
4.2
µV/e
Charge-transfer efficiency (see Note 4)
0.99990
0.99995
1
Signal-response delay time,
τ (see Note 5 and Figure 13)
18
20
22
ns
Gamma (see Note 6)
0.97
0.98
0.99
Output resistance
700
800
Noise voltage
1/f noise (5 kHz)
0.1
µV/√Hz
Noise voltage
Random noise (f = 100 kHz)
0.08
µV/√Hz
Noise-equivalent signal
30
electrons
ADB (see Note 7)
20
Rejection ratio at 4.77 MHz
SRG1, SRG2, SRG3 (see Note 8)
40
dB
ABG (see Note 9)
20
Supply current
5
mA
IAG
6500
SRG1, SRG2, SRG3
68
Input capacitance, Ci
ABG
2400
pF
TRG
180
SAG
6800
† All typical values are at TA = 25 °C
NOTES:
2. Dynamic range is – 20 times the logarithm of the mean-noise signal divided by the saturation-output signal.
3. For this test, the antiblooming gate must be biased at the intermediate level.
4. Charge-transfer efficiency is one minus the charge loss per transfer in the output register. The test is performed in the dark using
an electrical-input signal.
5. Signal-response delay time is the time between the falling edge of the SRG clock pulse and the output-signal valid state.
6. Gamma (
γ) is the value of the exponent in the equation below for two points on the linear portion of the transfer-function curve (this
value represents points near saturation):
Exposure (2)
Exposure (1)
g
+
Output signal (2)
Output signal (1)
7. ADB rejection ratio is – 20 times the logarithm of the ac amplitude at the output divided by the ac amplitude at ADB.
8. SRGn rejection ratio is – 20 times the logarithm of the ac amplitude at the output divided by the ac amplitude at SRGn.
9. ABG rejection ratio is – 20 times the logarithm of the ac amplitude at the output divided by the ac amplitude at ABG.


同様の部品番号 - TC244A-20

メーカー部品番号データシート部品情報
logo
SELEC Controls Pvt. Ltd
TC244AX SELEC-TC244AX Datasheet
1Mb / 3P
   Economic Temperature Controller
TC244AX-24V SELEC-TC244AX-24V Datasheet
1Mb / 3P
   Economic Temperature Controller
More results

同様の説明 - TC244A-20

メーカー部品番号データシート部品情報
logo
Texas Instruments
TC245 TI-TC245 Datasheet
469Kb / 19P
[Old version datasheet]   786- 횞 488-pixel ccd image sensor
TC244 TI1-TC244 Datasheet
312Kb / 19P
[Old version datasheet]   786- 횞 488-PIXEL CCD IMAGE SENSOR
TC240 TI1-TC240 Datasheet
302Kb / 19P
[Old version datasheet]   780- 횞 488-PIXEL CCD IMAGE SENSOR
TC217 TI-TC217 Datasheet
384Kb / 21P
[Old version datasheet]   1158- 횞 488-pixel ccd image sensor
TC241 TI-TC241 Datasheet
282Kb / 18P
[Old version datasheet]   780- 횞 488-pixel ccd image sensor
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
TC277 TI-TC277 Datasheet
297Kb / 19P
[Old version datasheet]   735- 횞 580-PIXEL CCD IMAGE SENSOR
TC211 TI-TC211 Datasheet
173Kb / 13P
[Old version datasheet]   192- 횞 165-pixel ccd image sensor
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com