データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1300T データシート(PDF) 9 Page - NXP Semiconductors

部品番号 TDA1300T
部品情報  Photodetector amplifiers and laser supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1300T データシート(HTML) 9 Page - NXP Semiconductors

Back Button TDA1300T Datasheet HTML 5Page - NXP Semiconductors TDA1300T Datasheet HTML 6Page - NXP Semiconductors TDA1300T Datasheet HTML 7Page - NXP Semiconductors TDA1300T Datasheet HTML 8Page - NXP Semiconductors TDA1300T Datasheet HTML 9Page - NXP Semiconductors TDA1300T Datasheet HTML 10Page - NXP Semiconductors TDA1300T Datasheet HTML 11Page - NXP Semiconductors TDA1300T Datasheet HTML 12Page - NXP Semiconductors TDA1300T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1997 Jul 15
9
Philips Semiconductors
Preliminary specification
Photodetector amplifiers and laser
supplies
TDA1300T; TDA1300TT
Notes to the characteristics
1. The maximum input current is defined as the current in which the gain Gd(n) reaches its minimum. Increasing the
supply voltage to VDD = 5 V increases the maximum input current (see also Figs 4 and 5).
2. The gain increases if a larger supply voltage is used (see Fig.6).
3. Transresistance of 70 k
Ω and 120 kΩ (typical) is only available in N-sub monitor mode (see Table 1).
4. Transresistance of 140 k
Ω and 240 kΩ (typical) is only available in P-sub monitor mode (see Table 1).
5. Output voltage swing will be: VO(RF)(swing) =VO(RF)(max) − VO(RF)(p-p).
6. For single speed the data amplifier gain ratio is defined as gain difference between 1 MHz and 100 kHz, while the
flatness delay is defined up to 1 MHz (see Fig.7). For double speed the data amplifier gain ratio is defined as gain
difference between 2 MHz and 200 kHz, while the flatness delay is defined up to 2 MHz.
Reference source VADJ and laser adjustment current IADJ
Vref
reference voltage
RADJ =48kΩ
1.15
1.24
1.31
mV
∆T
reference temperature drift
40
ppm
RSref
reference supply rejection
−−
1%
IADJ
adjustment current
RADJ = 5.6 kΩ−
200
µA
Zi
input impedance
RADJ = 4.8 kΩ−
1
k
M
multiplying factor (Imon/IADJ)
10
−−
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


同様の部品番号 - TDA1300T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1302T PHILIPS-TDA1302T Datasheet
520Kb / 18P
   Data amplifier and laser supply circuit for CD player and read only optical systems
September 1994.
TDA1305 PHILIPS-TDA1305 Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
TDA1305T PHILIPS-TDA1305T Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
More results

同様の説明 - TDA1300T

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
SP-03-LR1 SOURCE-SP-03-LR1 Datasheet
277Kb / 10P
   1310nm FP laser and PIN photodetector for 40km transmission
SP-03-IR1-CDFN SOURCE-SP-03-IR1-CDFN Datasheet
293Kb / 9P
   1310nm FP laser and PIN photodetector for 15km transmission
logo
Hamamatsu Corporation
C4258 HAMAMATSU-C4258 Datasheet
74Kb / 2P
   PICOSECOND PHOTODETECTOR
logo
List of Unclassifed Man...
SD039-151-011 ETC2-SD039-151-011 Datasheet
226Kb / 2P
   InGaAs Photodetector
CWOA-A1-L1-D ETC2-CWOA-A1-L1-D Datasheet
89Kb / 3P
   LASER CONTROLLER FOR OPTICAL AMPLIFIERS
logo
Luna Innovations Incorp...
SD039-151-011 LUNA-SD039-151-011 Datasheet
166Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD039-151-011 ADVANCEDPHOTONIX-SD039-151-011 Datasheet
400Kb / 2P
   InGaAs Photodetector
logo
List of Unclassifed Man...
SD012-151-011 ETC2-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Luna Innovations Incorp...
SD012-151-011 LUNA-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD012-151-011 ADVANCEDPHOTONIX-SD012-151-011 Datasheet
354Kb / 2P
   InGaAs Photodetector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com