データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1300TT データシート(PDF) 4 Page - NXP Semiconductors

部品番号 TDA1300TT
部品情報  Photodetector amplifiers and laser supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1300TT データシート(HTML) 4 Page - NXP Semiconductors

  TDA1300TT Datasheet HTML 1Page - NXP Semiconductors TDA1300TT Datasheet HTML 2Page - NXP Semiconductors TDA1300TT Datasheet HTML 3Page - NXP Semiconductors TDA1300TT Datasheet HTML 4Page - NXP Semiconductors TDA1300TT Datasheet HTML 5Page - NXP Semiconductors TDA1300TT Datasheet HTML 6Page - NXP Semiconductors TDA1300TT Datasheet HTML 7Page - NXP Semiconductors TDA1300TT Datasheet HTML 8Page - NXP Semiconductors TDA1300TT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1997 Jul 15
4
Philips Semiconductors
Preliminary specification
Photodetector amplifiers and laser
supplies
TDA1300T; TDA1300TT
PINNING
SYMBOL PIN
DESCRIPTION
O4
1
current amplifier 4 output
O6
2
current amplifier 6 output
O3
3
current amplifier 3 output
O1
4
current amplifier 1 output
O5
5
current amplifier 5 output
O2
6
current amplifier 2 output
LDON
7
control pin for switching the laser on
and off
VDDL
8
laser supply voltage
RFE
9
equalized output voltage of sum signal
of amplifiers 1 to 4
RF
10
unequalized output
HG
11
control pin for gain switch
LS
12
control pin for speed switch
CL
13
external capacitor
ADJ
14
P-sub monitor (if connected via
resistor to GND);
N-sub monitor (if connected to VDD)
GND
15
ground (substrate connection)
LO
16
laser output; current output
MI
17
monitor diode input (laser)
VDD
18
supply
I2
19
photo detector input 2 (central)
I5
20
photo detector input 5 (satellite)
I1
21
photo detector input 1 (central)
I3
22
photo detector input 3 (central)
I6
23
photo detector input 6 (satellite)
I4
24
photo detector input 4 (central)
Fig.2 Pin configuration.
handbook, halfpage
TDA1300T
1
2
3
4
5
6
7
8
9
10
11
12
O4
O6
O3
O1
O5
O2
LDON
VDDL
RFE
RF
HG
LS
I4
I6
I3
I1
I5
I2
VDD
MI
LO
GND
ADJ
CL
24
23
22
21
20
19
18
17
16
15
14
13
MBG472


同様の部品番号 - TDA1300TT

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1302T PHILIPS-TDA1302T Datasheet
520Kb / 18P
   Data amplifier and laser supply circuit for CD player and read only optical systems
September 1994.
TDA1305 PHILIPS-TDA1305 Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
TDA1305T PHILIPS-TDA1305T Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
More results

同様の説明 - TDA1300TT

メーカー部品番号データシート部品情報
logo
Source Photonics, Inc.
SP-03-LR1 SOURCE-SP-03-LR1 Datasheet
277Kb / 10P
   1310nm FP laser and PIN photodetector for 40km transmission
SP-03-IR1-CDFN SOURCE-SP-03-IR1-CDFN Datasheet
293Kb / 9P
   1310nm FP laser and PIN photodetector for 15km transmission
logo
Hamamatsu Corporation
C4258 HAMAMATSU-C4258 Datasheet
74Kb / 2P
   PICOSECOND PHOTODETECTOR
logo
List of Unclassifed Man...
SD039-151-011 ETC2-SD039-151-011 Datasheet
226Kb / 2P
   InGaAs Photodetector
CWOA-A1-L1-D ETC2-CWOA-A1-L1-D Datasheet
89Kb / 3P
   LASER CONTROLLER FOR OPTICAL AMPLIFIERS
logo
Luna Innovations Incorp...
SD039-151-011 LUNA-SD039-151-011 Datasheet
166Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD039-151-011 ADVANCEDPHOTONIX-SD039-151-011 Datasheet
400Kb / 2P
   InGaAs Photodetector
logo
List of Unclassifed Man...
SD012-151-011 ETC2-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Luna Innovations Incorp...
SD012-151-011 LUNA-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD012-151-011 ADVANCEDPHOTONIX-SD012-151-011 Datasheet
354Kb / 2P
   InGaAs Photodetector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com