データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1309H データシート(PDF) 11 Page - NXP Semiconductors

部品番号 TDA1309H
部品情報  Low-voltage low-power stereo bitstream ADC/DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1309H データシート(HTML) 11 Page - NXP Semiconductors

Back Button TDA1309H Datasheet HTML 7Page - NXP Semiconductors TDA1309H Datasheet HTML 8Page - NXP Semiconductors TDA1309H Datasheet HTML 9Page - NXP Semiconductors TDA1309H Datasheet HTML 10Page - NXP Semiconductors TDA1309H Datasheet HTML 11Page - NXP Semiconductors TDA1309H Datasheet HTML 12Page - NXP Semiconductors TDA1309H Datasheet HTML 13Page - NXP Semiconductors TDA1309H Datasheet HTML 14Page - NXP Semiconductors TDA1309H Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1996 Oct 21
11
Philips Semiconductors
Product specification
Low-voltage low-power stereo bitstream
ADC/DAC
TDA1309H
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Human body model: C = 100 pF; R = 1.5 k
Ω; 3 zaps positive and 3 zaps negative.
2. Machine model: C = 200 pF; L = 0.5
µH; R = 10 Ω; 3 zaps positive and 3 zaps negative.
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611E”. The number of this quality specification can be found in the “Quality Reference
Handbook”. The handbook can be ordered using the code 9397 750 00192.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDDA(AD)
analog supply voltage (pin 8)
4.5
V
VDDA(DA)
analog supply voltage (pin 25)
4.5
V
VDDO
operational amplifiers supply voltage
(pin 19)
4.5
V
VDDD
digital supply voltage (pin 28)
4.5
V
VDDD(F)
digital filters supply voltage (pin 34)
4.5
V
∆VDD
maximum supply voltage difference
100
mV
∆VSS
maximum ground supply voltage
difference
100
mV
VI
maximum input voltage
−0.5
VDD + 0.5 V
IIK
DC clamp input diode current
VI < −0.5 V or
VI >VDD + 0.5 V
−±10
mA
IOK
DC output clamp diode current;
(output type 2 mA)
VO < −0.5 V or
VO >VDD + 0.5 V
−±10
mA
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
−20
+75
°C
Ves
electrostatic handling
note 1
−1500
+1500
V
note 2
−300
+300
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
60
K/W


同様の部品番号 - TDA1309H

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1300 PHILIPS-TDA1300 Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300T PHILIPS-TDA1300T Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300TT PHILIPS-TDA1300TT Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
More results

同様の説明 - TDA1309H

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
UDA1360TS PHILIPS-UDA1360TS Datasheet
84Kb / 16P
   Low-voltage low-power stereo audio ADC
2000 Feb 08
logo
Texas Instruments
TLV320ADC3101 TI1-TLV320ADC3101 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power Stereo ADC
logo
NXP Semiconductors
UDA1324TS PHILIPS-UDA1324TS Datasheet
107Kb / 20P
   Ultra low-voltage stereo filter DAC
2000 Jan 20
logo
Wolfson Microelectronic...
WM8783 WOLFSON-WM8783 Datasheet
270Kb / 17P
   Stereo Low Power 96kHz ADC
logo
Suzhou Everest Semicond...
ES8288 EVEREST-ES8288 Datasheet
433Kb / 25P
   Low Power Stereo Audio ADC
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
logo
Cirrus Logic
CS43L42 CIRRUS-CS43L42 Datasheet
1Mb / 40P
   Low Voltage,Stereo DAC With Headphone Amp
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
   Low Voltage,Stereo DAC With Headphone Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com