データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74LV245ATPWRE4 データシート(PDF) 1 Page - Texas Instruments

部品番号 SN74LV245ATPWRE4
部品情報  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74LV245ATPWRE4 データシート(HTML) 1 Page - Texas Instruments

  SN74LV245ATPWRE4 Datasheet HTML 1Page - Texas Instruments SN74LV245ATPWRE4 Datasheet HTML 2Page - Texas Instruments SN74LV245ATPWRE4 Datasheet HTML 3Page - Texas Instruments SN74LV245ATPWRE4 Datasheet HTML 4Page - Texas Instruments SN74LV245ATPWRE4 Datasheet HTML 5Page - Texas Instruments SN74LV245ATPWRE4 Datasheet HTML 6Page - Texas Instruments SN74LV245ATPWRE4 Datasheet HTML 7Page - Texas Instruments SN74LV245ATPWRE4 Datasheet HTML 8Page - Texas Instruments SN74LV245ATPWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
DB, DGV, DW, NS, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
1
20
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
OE
B1
B2
B3
B4
B5
B6
B7
A1
A2
A3
A4
A5
A6
A7
A8
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DIR
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
DESCRIPTION/ORDERING INFORMATION
SN74LV245AT
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCLS605B – DECEMBER 2004 – REVISED AUGUST 2005
Inputs Are TTL-Voltage Compatible
I
off Supports Partial-Power-Down Mode
Operation
4.5-V to 5.5-V V
CC Operation
Latch-Up Performance Exceeds 250 mA Per
Typical t
pd of 3.5 ns at 5 V
JESD 17
Typical V
OLP (Output Ground Bounce) <0.8 V
ESD Protection Exceeds JESD 22
at V
CC = 5 V, TA = 25°C
– 2000-V Human-Body Model (A114-A)
Typical V
OHV (Output VOH Undershoot) >2.3 V
at V
CC = 5 V, TA = 25°C
– 1000-V Charged-Device Model (C101)
xxxxxxx
Supports Mixed-Mode Voltage Operation on
All Ports
This octal bus transceiver is designed for asynchronous two-way communication between data buses. The
control-function implementation minimizes external timing requirements.
The SN74LV245AT allows data transmission from the A bus to the B bus or from the B bus to the A bus,
depending on the logic level at the direction-control (DIR) input. The output-enable (OE) input can be used to
disable the device so that the buses are effectively isolated.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Tape and reel
SN74LV245ATRGYR
VV245
Tube
SN74LV245ATDW
SOIC – DW
LV245A
Tape and reel
SN74LV245ATDWR
–40
°C to 85°C
SOP – NS
Tape and reel
SN74LV245ATNSR
74LV245A
SSOP – DB
Tape and reel
SN74LV245ATDBR
LV245A
TSSOP – PW
Tape and reel
SN74LV245ATPWR
LV245AT
TVSOP – DGV
Tape and reel
SN74LV245ATGVR
LV245A
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - SN74LV245ATPWRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LV245A TI-SN74LV245A Datasheet
571Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LV245A TI-SN74LV245A Datasheet
929Kb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LV245A TI-SN74LV245A Datasheet
2Mb / 37P
[Old version datasheet]   SN74LV245A Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SN74LV245A TI-SN74LV245A Datasheet
2Mb / 40P
[Old version datasheet]   SN74LV245A Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
SN74LV245A TI-SN74LV245A Datasheet
2Mb / 39P
[Old version datasheet]   SN74LV245A Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
More results

同様の説明 - SN74LV245ATPWRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVCZ245A TI-SN74LVCZ245A_08 Datasheet
535Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11620 TI1-74ACT11620 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com