データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVCR2245ADGVRE4 データシート(PDF) 10 Page - Texas Instruments

部品番号 74LVCR2245ADGVRE4
部品情報  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

74LVCR2245ADGVRE4 データシート(HTML) 10 Page - Texas Instruments

Back Button 74LVCR2245ADGVRE4 Datasheet HTML 6Page - Texas Instruments 74LVCR2245ADGVRE4 Datasheet HTML 7Page - Texas Instruments 74LVCR2245ADGVRE4 Datasheet HTML 8Page - Texas Instruments 74LVCR2245ADGVRE4 Datasheet HTML 9Page - Texas Instruments 74LVCR2245ADGVRE4 Datasheet HTML 10Page - Texas Instruments 74LVCR2245ADGVRE4 Datasheet HTML 11Page - Texas Instruments 74LVCR2245ADGVRE4 Datasheet HTML 12Page - Texas Instruments 74LVCR2245ADGVRE4 Datasheet HTML 13Page - Texas Instruments 74LVCR2245ADGVRE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVCR2245ADBQR
DBQ
20
MLA
330
16
6.5
9.0
2.1
8
16
Q1
SN74LVCR2245ADBR
DB
20
MLA
330
16
8.2
7.5
2.5
12
16
Q1
SN74LVCR2245ADGVR
DGV
20
MLA
330
12
7.0
5.6
1.6
8
12
Q1
SN74LVCR2245ADWR
DW
20
MLA
330
24
10.8
13.0
2.7
12
24
Q1
SN74LVCR2245AGQNR
GQN
20
HIJ
330
12
3.3
4.3
1.5
8
12
Q1
SN74LVCR2245ANSR
NS
20
MLA
330
24
8.2
13.0
2.5
12
24
Q1
SN74LVCR2245APWR
PW
20
MLA
330
16
6.95
7.1
1.6
8
16
Q1
SN74LVCR2245ARGYR
RGY
20
MLA
180
12
3.8
4.8
1.6
8
12
Q1
SN74LVCR2245AZQNR
ZQN
20
HIJ
330
12
3.3
4.3
1.5
8
12
Q1
TAPE AND REEL BOX INFORMATION
Device
Package
Pins
Site
Length (mm)
Width (mm)
Height (mm)
SN74LVCR2245ADBQR
DBQ
20
MLA
0.0
0.0
0.0
SN74LVCR2245ADBR
DB
20
MLA
342.9
336.6
28.58
SN74LVCR2245ADGVR
DGV
20
MLA
338.1
340.5
20.64
SN74LVCR2245ADWR
DW
20
MLA
333.2
333.2
31.75
SN74LVCR2245AGQNR
GQN
20
HIJ
346.0
346.0
29.0
SN74LVCR2245ANSR
NS
20
MLA
333.2
333.2
31.75
SN74LVCR2245APWR
PW
20
MLA
342.9
336.6
28.58
SN74LVCR2245ARGYR
RGY
20
MLA
190.0
212.7
31.75
SN74LVCR2245AZQNR
ZQN
20
HIJ
346.0
346.0
29.0
PACKAGE MATERIALS INFORMATION
www.ti.com
19-May-2007
Pack Materials-Page 2


同様の部品番号 - 74LVCR2245ADGVRE4

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
74LVCR162245APAG IDT-74LVCR162245APAG Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
74LVCR162245APAG8 IDT-74LVCR162245APAG8 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
74LVCR162245APVG IDT-74LVCR162245APVG Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
74LVCR162245APVG8 IDT-74LVCR162245APVG8 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
logo
Texas Instruments
74LVCR162245DGGRE4 TI-74LVCR162245DGGRE4 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - 74LVCR2245ADGVRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVCZ245A TI-SN74LVCZ245A_08 Datasheet
535Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11620 TI1-74ACT11620 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com