データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1526 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TDA1526
部品情報  Stereo-tone/volume control circuit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1526 データシート(HTML) 6 Page - NXP Semiconductors

Back Button TDA1526 Datasheet HTML 2Page - NXP Semiconductors TDA1526 Datasheet HTML 3Page - NXP Semiconductors TDA1526 Datasheet HTML 4Page - NXP Semiconductors TDA1526 Datasheet HTML 5Page - NXP Semiconductors TDA1526 Datasheet HTML 6Page - NXP Semiconductors TDA1526 Datasheet HTML 7Page - NXP Semiconductors TDA1526 Datasheet HTML 8Page - NXP Semiconductors TDA1526 Datasheet HTML 9Page - NXP Semiconductors TDA1526 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
May 1992
6
Philips Semiconductors
Product specification
Stereo-tone/volume control circuit
TDA1526
AC CHARACTERISTICS
VP = V3-18 = 8.5 V; Tamb = 25 °C; measured in Fig.1; contour switch closed (linear position); volume, balance, bass, and
treble controls in mid-position; RG ≤ 600 Ω; RL ≥ 4.7 kΩ; CL ≤ 200 pF; f = 1 kHz; unless otherwise specified
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Control range
Maximum gain of volume (Fig.4)
Gv max
20.5
21.5
23
dB
Volume control range; Gv max/Gv min
∆G
v
90
100
dB
Balance control range; Gv = 0 dB (Fig.5)
∆G
v
−−40
dB
Bass control range at 40 Hz (Fig.6)
∆G
v
−19 to + 17 ± 3dB
Treble control range at 16 kHz (Fig.7)
∆G
v
−± 15 ± 3
dB
Contour characteristics
see Figs 9 and 10
Signal inputs, outputs
Input resistance; pins 4 and 15 (note 1)
at gain of volume control: Gv = 20 dB
Ri4, 15
10
−−
k
Gv = −40 dB
Ri4, 15
160
k
Output resistance (pins 8 and 11)
Ro8, 11
−−
300
Signal processing
Power supply ripple rejection
at VP(rms) ≤ 200 mV; f = 100 Hz; Gv = 0 dB
RR
35
50
dB
Channel separation (250 Hz to 10 kHz)
at Gv = −20 to + 21.5 dB
α
cs
46
60
dB
Spread of volume control with
constant control voltage V1-18 = 0.5 V17-18
∆G
v
−−± 3dB
Gain tolerance between left and right
channel V16-18 = V1-18 = 0.5 V17-18
∆G
v, L-R
−−
1.5
dB
Tracking between channels
for Gv = 21.5 to −26 dB
f = 250 Hz to 6.3 kHz; balance adjusted at
Gv = 10 dB
∆G
v
−−
2.5
dB
Signal handling with DC feedback
Input signal handling
at VP = 8.5 V − 15 V; THD = 0.7%;
f = 1 kHz (RMS value)
Vi(rms)
1.8
2.0
V
Output signal handling (note 2 and note 3)
at VP = 8.5 V; THD = 0.7%;
f = 1 kHz (RMS value)
Vo(rms)
1.8
2.0
V
Noise performance (VP = 12 V)
Output noise voltage (unweighted; Fig.14)
at f = 20 Hz to 20 kHz (RMS value; note 4)
for Gv = −16 dB (note 5)
Vno(rms)
100
200
µV


同様の部品番号 - TDA1526

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TDA1520A ETC1-TDA1520A Datasheet
198Kb / 6P
   20W Hi-Fi Audio Amplifier
TDA1520AQ ETC1-TDA1520AQ Datasheet
198Kb / 6P
   20W Hi-Fi Audio Amplifier
TDA1520B ETC-TDA1520B Datasheet
234Kb / 6P
   20 W HI FI AUDIO POWER AMLIFIER
TDA1520BQ ETC-TDA1520BQ Datasheet
234Kb / 6P
   20 W HI FI AUDIO POWER AMLIFIER
logo
NXP Semiconductors
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
More results

同様の説明 - TDA1526

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1524A PHILIPS-TDA1524A Datasheet
207Kb / 16P
   Stereo-tone/volume control circuit
September 1987
logo
Samsung semiconductor
KA2107 SAMSUNG-KA2107 Datasheet
110Kb / 5P
   DC VOLUME, TONE CONTROL CIRCUIT
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61509FP MITSUBISHI-M61509FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com