データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1545 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 TDA1545
部品情報  Stereo continuous calibration DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1545 データシート(HTML) 3 Page - NXP Semiconductors

  TDA1545 Datasheet HTML 1Page - NXP Semiconductors TDA1545 Datasheet HTML 2Page - NXP Semiconductors TDA1545 Datasheet HTML 3Page - NXP Semiconductors TDA1545 Datasheet HTML 4Page - NXP Semiconductors TDA1545 Datasheet HTML 5Page - NXP Semiconductors TDA1545 Datasheet HTML 6Page - NXP Semiconductors TDA1545 Datasheet HTML 7Page - NXP Semiconductors TDA1545 Datasheet HTML 8Page - NXP Semiconductors TDA1545 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1997 Sep 04
3
Philips Semiconductors
Preliminary specification
Stereo continuous calibration DAC
TDA1545A
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
3
5
5.5
V
IDD
supply current
VDD =5V;
at code 0000H
3.0
4.0
mA
IFS
full-scale output current
VDD = 5 V
0.9
1.0
1.1
mA
VDD =3V
0.6
mA
THD
total harmonic distortion
including noise
at 0 dB
−−88
−78
dB
at 0 dB
0.004
0.01
%
at
−60 dB
−−33
−24
dB
at
−60 dB
2.2
6
%
at
−60 dB;
−−35
dB
A-weighting
at
−60 dB;
1.7
%
A-weighting
at
−60 dB;
1.4
%
A-weighting;
R3 =R4=11 k
Ω;
IFS =2mA
S/N
signal-to-noise ratio at bipolar zero
A-weighting;
at code 0000H
86
98
dB
R3 =R4=11 k
Ω;
IFS =2mA
101
dB
tcs
current settling time to
±1 LSB
0.2
−µs
BR
input bit rate at data input
−−
18.4
Mbits/s
fBCK
clock frequency at clock input
−−
18.4
MHz
TCFS
full-scale temperature coefficient at
analog outputs (IOL; IOR)
−±400
ppm
Ptot
total power dissipation
at code 0000H
VDD =5V
15
20
mW
VDD =3V
6
mW
Tamb
operating ambient temperature
−40
+85
°C


同様の部品番号 - TDA1545

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TDA1540 ETC-TDA1540 Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
TDA1540D ETC-TDA1540D Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
TDA1540PN ETC-TDA1540PN Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
TDA1540TD ETC-TDA1540TD Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
More results

同様の説明 - TDA1545

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1548T PHILIPS-TDA1548T Datasheet
123Kb / 20P
   Bitstream continuous calibration filter-DAC with headphone driver and DSP
1995 Nov 15
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com