データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1551Q データシート(PDF) 8 Page - NXP Semiconductors

部品番号 TDA1551Q
部品情報  2 x 22 W BTL car radio power amplifier with diagnostic facility
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1551Q データシート(HTML) 8 Page - NXP Semiconductors

Back Button TDA1551Q Datasheet HTML 4Page - NXP Semiconductors TDA1551Q Datasheet HTML 5Page - NXP Semiconductors TDA1551Q Datasheet HTML 6Page - NXP Semiconductors TDA1551Q Datasheet HTML 7Page - NXP Semiconductors TDA1551Q Datasheet HTML 8Page - NXP Semiconductors TDA1551Q Datasheet HTML 9Page - NXP Semiconductors TDA1551Q Datasheet HTML 10Page - NXP Semiconductors TDA1551Q Datasheet HTML 11Page - NXP Semiconductors TDA1551Q Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
July 1994
8
Philips Semiconductors
Preliminary specification
2 x 22 W BTL car radio power amplifier
with diagnostic facility
TDA1551Q
AC CHARACTERISTICS
VP = 14.4 V; Tamb = 25°C; f = 1 kHz; RL = 4 Ω; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Stereo BTL application (Fig.7)
PO
output power
THD = 0.5%
15
17
-
W
20
22
-
W
PO
output power
VP = 13.2V
THD = 0.5%
-
12
-
W
THD = 10%
-
17
-
W
THD
total harmonic distortion
PO = 1 W
-
0.05
-
%
B
power bandwidth
THD = 0.5%; PO = −1 dB
with respect to 15 W
-
20 -
15000
-Hz
fLOW
low frequency roll-off
at
−3 dB; note 3
-
25
-
Hz
fHIGH
high frequency roll-off
at
−1 dB
20
-
-
kHz
Gv
closed loop voltage gain
25
26
27
dB
VPRR
supply voltage ripple rejection
ON; note 4
48
-
-
dB
MUTE; note 4
48
-
-
dB
standby; note 4
80
-
-
dB
Z
i
input impedance
25
30
38
k
Vno
noise output voltage
ON; RS = 0; note 5
-
70
-
µV
ON; RS = 10 kΩ; note 5
-
100
200
µV
MUTE; notes 5 and 6
-
60
-
µV
α
channel separation
RS = 10 kΩ
40
-
-
dB
∆G
v
channel unbalance
−−
1dB
dynamic distortion detector
switch level
3.5
%
Quad single-ended application (Fig.6)
PO
output power
THD = 0.5%; note 7
4
5
W
THD = 10%; note 7
5.5
6
W
PO
output power
RL = 2 Ω
THD = 0.5%; note 7
7.5
8.5
W
THD = 10%; note 7
10
11
W
THD
total harmonic distortion
PO = 1 W
0.05
%
fLOW
low frequency roll-off
at
−3 dB; note 3
25
Hz
fHIGH
high frequency roll-off
at
−1 dB
20
−−
kHz
Gv
closed loop voltage gain
19
20
21
dB
VPRR
supply voltage ripple rejection
ON; note 4
48
−−
dB
MUTE; note 4
48
−−
dB
stand-by; note 4
80
−−
dB
Zi
input impedance
50
60
75
k
Vno
noise output voltage
ON; RS = 0; note 5
50
−µV
ON; RS = 10 kΩ; note 5
70
100
µV


同様の部品番号 - TDA1551Q

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1553 PHILIPS-TDA1553 Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
More results

同様の説明 - TDA1551Q

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
logo
STMicroelectronics
TDA7396 STMICROELECTRONICS-TDA7396 Datasheet
137Kb / 11P
   45W/2ohm BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
October 1998
logo
NXP Semiconductors
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com