データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1551 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 TDA1551
部品情報  2 x 22 W BTL car radio power amplifier with diagnostic facility
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1551 データシート(HTML) 7 Page - NXP Semiconductors

Back Button TDA1551 Datasheet HTML 3Page - NXP Semiconductors TDA1551 Datasheet HTML 4Page - NXP Semiconductors TDA1551 Datasheet HTML 5Page - NXP Semiconductors TDA1551 Datasheet HTML 6Page - NXP Semiconductors TDA1551 Datasheet HTML 7Page - NXP Semiconductors TDA1551 Datasheet HTML 8Page - NXP Semiconductors TDA1551 Datasheet HTML 9Page - NXP Semiconductors TDA1551 Datasheet HTML 10Page - NXP Semiconductors TDA1551 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
July 1994
7
Philips Semiconductors
Preliminary specification
2 x 22 W BTL car radio power amplifier
with diagnostic facility
TDA1551Q
DC CHARACTERISTICS
VP = 14.4 V; Tamb = 25°C’ measurements in accordance with Fig.6 unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
note 1
6
14.4
18
V
IP
quiescent current
80
160
mA
VO
DC output voltage
note 2
6.9
V
|
∆Vo|
DC output offset voltage
−−
100
mV
MUTE/sleep/standby
VO
output signal in MUTE position
VI(max) = 1 V;
f = 20 Hz to 10 kHz
−−
2mV
IP
DC current in sleep condition
V9 > 3V
0.6
1
mA
IP
DC current in standby condition
V9 < 2 V
−−
0.1
mA
∆V
o
DC output offset voltage
−−
100
mV


同様の部品番号 - TDA1551

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1553 PHILIPS-TDA1553 Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
More results

同様の説明 - TDA1551

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
logo
STMicroelectronics
TDA7396 STMICROELECTRONICS-TDA7396 Datasheet
137Kb / 11P
   45W/2ohm BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
October 1998
logo
NXP Semiconductors
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com