データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1560Q データシート(PDF) 2 Page - NXP Semiconductors

部品番号 TDA1560Q
部品情報  40 W car radio high power amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1560Q データシート(HTML) 2 Page - NXP Semiconductors

  TDA1560Q Datasheet HTML 1Page - NXP Semiconductors TDA1560Q Datasheet HTML 2Page - NXP Semiconductors TDA1560Q Datasheet HTML 3Page - NXP Semiconductors TDA1560Q Datasheet HTML 4Page - NXP Semiconductors TDA1560Q Datasheet HTML 5Page - NXP Semiconductors TDA1560Q Datasheet HTML 6Page - NXP Semiconductors TDA1560Q Datasheet HTML 7Page - NXP Semiconductors TDA1560Q Datasheet HTML 8Page - NXP Semiconductors TDA1560Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1996 May 14
2
Philips Semiconductors
Product specification
40 W car radio high power amplifier
TDA1560Q
FEATURES
• Very high output power
• Low power dissipation when used for music signals
• Switches to low output power in the event of excessive
heatsink temperatures
• Requires few external components
• Fixed gain
• Low cross-over distortion
• No switch-on/switch-off plops
• Mode select switch
• Low offset voltage at the output
• Load dump protection
• Short-circuit safe to ground, VP and across load
• Protected against electrostatic discharge
• Thermally protected
• Diagnostic facility
• Flexible leads.
GENERAL DESCRIPTION
The TDA1560Q is an integrated Bridge-Tied Load (BTL)
class-H high power amplifier. In a load of 8
Ω, the output
power is 40 W typical at a THD of 10%.
The encapsulation is a 17-lead DIL-bent-SIL plastic power
package. The device is primarily developed for car radio
applications.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
operating
8.0
14.4
18
V
non-operating
−−
30
V
load dump protected
−−
45
V
IORM
repetitive peak output current
−−
4A
Iq(tot)
total quiescent current
100
160
mA
Isb
standby current
550
µA
Gv
voltage gain
29
30
31
dB
Po
output power
RL =8 Ω; THD = 10%
40
W
RL =8 Ω; THD = 0.5%
30
W
SVRR
supply voltage ripple rejection
fi = 100 Hz to 10 kHz;
RS =0 Ω
48
55
dB
Vno
noise output voltage
100
300
µV
Z
i
input impedance
180
300
k
∆V
O
DC output offset voltage
−−
150
mV
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1560Q
DBS17P
plastic DIL-bent-SIL power package; 17 leads (lead length 12 mm)
SOT243-1


同様の部品番号 - TDA1560Q

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1561 PHILIPS-TDA1561 Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
   2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1562 PHILIPS-TDA1562 Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA1562Q PHILIPS-TDA1562Q Datasheet
124Kb / 20P
   70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA1562Q NXP-TDA1562Q Datasheet
129Kb / 24P
   70 W high efficiency power amplifier with diagnostic facility
2003 Feb 12
More results

同様の説明 - TDA1560Q

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1020 PHILIPS-TDA1020 Datasheet
69Kb / 9P
   12 W car radio power amplifier
November 1982
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
   High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
logo
STMicroelectronics
TDA7391PD STMICROELECTRONICS-TDA7391PD_11 Datasheet
243Kb / 12P
   32 W bridge car radio amplifier
TDA2003AH STMICROELECTRONICS-TDA2003AH Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA2003AV STMICROELECTRONICS-TDA2003AV Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA7391PD STMICROELECTRONICS-TDA7391PD_08 Datasheet
171Kb / 11P
   32 W bridge car radio amplifier
TDA2003A STMICROELECTRONICS-TDA2003A Datasheet
589Kb / 19P
   10 W car radio audio amplifier
TDA2003LG STMICROELECTRONICS-TDA2003LG Datasheet
197Kb / 8P
   10 W car radio audio amplifier
September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com