データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1574T データシート(PDF) 7 Page - NXP Semiconductors

部品番号 TDA1574T
部品情報  Integrated FM tuner for radio receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1574T データシート(HTML) 7 Page - NXP Semiconductors

Back Button TDA1574T Datasheet HTML 3Page - NXP Semiconductors TDA1574T Datasheet HTML 4Page - NXP Semiconductors TDA1574T Datasheet HTML 5Page - NXP Semiconductors TDA1574T Datasheet HTML 6Page - NXP Semiconductors TDA1574T Datasheet HTML 7Page - NXP Semiconductors TDA1574T Datasheet HTML 8Page - NXP Semiconductors TDA1574T Datasheet HTML 9Page - NXP Semiconductors TDA1574T Datasheet HTML 10Page - NXP Semiconductors TDA1574T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
August 1990
7
Philips Semiconductors
Product specification
Integrated FM tuner for radio receivers
TDA1574T
Output voltage (pin 12)
V12
4.5
V
AC characteristics
fi = 10.7 MHz
Input impedance
R16-15
240
300
360
C16-15
13
pF
Output impedance
R12
240
300
360
C12
3
pF
Voltage gain
note 2
Gv
27
30
dB
Voltage gain with
variation of temperature
Tamb = −40
to
+ 85 °C
∆G
T
0
dB
1 dB compression point
(RMS value)
at VP = 8.5 V
V12(rms)
750
mV
at VP = 7.5 V
V12(rms)
550
mV
Signal-to-noise ratio
RS = 300 Ω
S/N
6.5
dB
Keyed AGC
DC characteristics
Output voltage range
(pin 20)
∆V20
0.5
VP−0.3
V
AGC output current
at I3 = 0 or
V14 = 450 mV;
V20 = VP/2
−I20
25
50
100
µA
at V3 = 2 V and
V14 = 1 V; V20 = V15
I20
2
5mA
Narrowband threshold
at V3 = 2 V; V14 = 550 mV
V20
−−
1V
at V3 = 2 V; V14 = 450 mV
V20
VP−0.3
−−
V
AC characteristics
fi = 98 MHz
Input impedance
R3
4
k
C3
3
pF
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT


同様の部品番号 - TDA1574T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1574 PHILIPS-TDA1574 Datasheet
114Kb / 11P
   Integrated FM tuner for radio receivers
February 1985
logo
Gunter Seniconductor Gm...
TDA1574 GSG-TDA1574 Datasheet
159Kb / 12P
   Integrated FM Tuner for Radio Receivers
More results

同様の説明 - TDA1574T

メーカー部品番号データシート部品情報
logo
Gunter Seniconductor Gm...
TDA1574 GSG-TDA1574 Datasheet
159Kb / 12P
   Integrated FM Tuner for Radio Receivers
logo
NXP Semiconductors
TDA1574 PHILIPS-TDA1574 Datasheet
114Kb / 11P
   Integrated FM tuner for radio receivers
February 1985
logo
STMicroelectronics
TDA7705 STMICROELECTRONICS-TDA7705 Datasheet
427Kb / 42P
   Highly integrated tuner for AM/FM car radio
September 2013 Rev 9
TDA7706 STMICROELECTRONICS-TDA7706 Datasheet
291Kb / 16P
   Highly integrated tuner for AM/FM car-radio
September 2013 Rev 3
TDA7703R STMICROELECTRONICS-TDA7703R Datasheet
229Kb / 32P
   Highly integrated tuner for AM/FM car radio
January 2010
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
   Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7705 STMICROELECTRONICS-TDA7705_10 Datasheet
402Kb / 42P
   Highly integrated tuner for AM/FM car radio
logo
NXP Semiconductors
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
logo
Silicon Laboratories
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com