データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA2545A データシート(PDF) 2 Page - NXP Semiconductors

部品番号 TDA2545A
部品情報  Quasi-split-sound circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2545A データシート(HTML) 2 Page - NXP Semiconductors

  TDA2545A Datasheet HTML 1Page - NXP Semiconductors TDA2545A Datasheet HTML 2Page - NXP Semiconductors TDA2545A Datasheet HTML 3Page - NXP Semiconductors TDA2545A Datasheet HTML 4Page - NXP Semiconductors TDA2545A Datasheet HTML 5Page - NXP Semiconductors TDA2545A Datasheet HTML 6Page - NXP Semiconductors TDA2545A Datasheet HTML 7Page - NXP Semiconductors TDA2545A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
February 1985
2
Philips Semiconductors
Product specification
Quasi-split-sound circuit
TDA2545A
GENERAL DESCRIPTION
The TDA2545A is a monolithic integrated circuit for quasi-split-sound processing in television receivers.
Features
• 3-stage gain controlled i.f. amplifier
• A.G.C. circuit
• Reference amplifier and limiter amplifier for vision carrier (V.C.) processing
• Linear multiplier for quadrature demodulation
QUICK REFERENCE DATA
PACKAGE OUTLINES
16-lead DIL; plastic (SOT38); SOT38-1; 1996 November 19.
Supply voltage (pin 11)
VP = V11-13
typ.
12
V
Supply current (pin 11)
IP = I11
typ.
45
mA
Minimum i.f. vision carrier input voltage (r.m.s. value)
VVC1-16(rms)
typ.
150
µV
Output voltage; 5,5 MHz (r.m.s. value)
V12-13(rms)
typ.
100
mV
Output voltage; 5,742 MHz (r.m.s. value)
V12-13(rms)
typ.
45
mV
I.F. control range
∆G
v
typ.
64
dB
Signal-to-weighted-noise (rel. to 1 kHz; 30 kHz deviation)
at 5,5 MHz
for 2T/20T pulses with white bars
S
+ W/W
typ.
58
dB
at 5,742 MHz
S
+ W/W
typ.
56
dB


同様の部品番号 - TDA2545A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA2540 STMICROELECTRONICS-TDA2540 Datasheet
91Kb / 7P
   IF AMPLIFIER WITH DEMODULATOR AND AFC
TDA2541 STMICROELECTRONICS-TDA2541 Datasheet
91Kb / 7P
   IF AMPLIFIER WITH DEMODULATOR AND AFC
TDA2542 STMICROELECTRONICS-TDA2542 Datasheet
161Kb / 5P
   IF AMPLIFIER WITH DEMODULATOR AND AFC FOR POSITIVE MODULATION STANDARD
logo
NXP Semiconductors
TDA2546A PHILIPS-TDA2546A Datasheet
87Kb / 10P
   Quasi-split-sound circuit with 5,5 MHz demodulation
February 1985
TDA2549 PHILIPS-TDA2549 Datasheet
83Kb / 9P
   I.F. amplifier and demodulator for multistandard TV receivers
April 1985
More results

同様の説明 - TDA2545A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TDA2556 ETC-TDA2556 Datasheet
269Kb / 6P
   QUASI SPLIT SOUND CIRCUIT WITH DUAL SOUND DEMODULATORS
logo
TEMIC Semiconductors
U4488B TEMIC-U4488B Datasheet
272Kb / 9P
   Quasi-Split Sound Circuit and AM Demodulator
logo
NXP Semiconductors
TDA3845 PHILIPS-TDA3845 Datasheet
137Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
TDA3825 PHILIPS-TDA3825 Datasheet
166Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
logo
ATMEL Corporation
U4468B ATMEL-U4468B Datasheet
188Kb / 11P
   Quasi-split Sound Circuit and AM Demodulator IC
logo
NXP Semiconductors
TDA2546A PHILIPS-TDA2546A Datasheet
87Kb / 10P
   Quasi-split-sound circuit with 5,5 MHz demodulation
February 1985
logo
EPCOS
M3654K EPCOS-M3654K Datasheet
113Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3565M EPCOS-M3565M Datasheet
99Kb / 8P
   IF Filter for Quasi/Split Sound Applications
M3568M EPCOS-M3568M Datasheet
101Kb / 8P
   IF Filter for Quasi/Split Sound Applications
logo
TEMIC Semiconductors
U4454B TEMIC-U4454B Datasheet
107Kb / 7P
   Quasi-Split-Sound Processing and AM-Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com