データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA2615 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 TDA2615
部品情報  2 x 6 W hi-fi audio power amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2615 データシート(HTML) 5 Page - NXP Semiconductors

  TDA2615 Datasheet HTML 1Page - NXP Semiconductors TDA2615 Datasheet HTML 2Page - NXP Semiconductors TDA2615 Datasheet HTML 3Page - NXP Semiconductors TDA2615 Datasheet HTML 4Page - NXP Semiconductors TDA2615 Datasheet HTML 5Page - NXP Semiconductors TDA2615 Datasheet HTML 6Page - NXP Semiconductors TDA2615 Datasheet HTML 7Page - NXP Semiconductors TDA2615 Datasheet HTML 8Page - NXP Semiconductors TDA2615 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1995 May 08
5
Philips Semiconductors
Product specification
2
× 6 W hi-fi audio power amplifier
TDA2615
LIMITING VALUES
In accordance with the Absolute maximum System (IEC 134).
Note
1. For asymmetrical power supplies (with the load short-circuited), the maximum unloaded supply voltage is limited to
VP = 28 V and with an internal supply resistance of RS ≥ 4 Ω, the maximum unloaded supply voltage is limited to 32 V
(with the load short-circuited). For symmetrical power supplies the circuit is short-circuit-proof up to VP =21V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
±V
P
supply voltage
21
V
IOSM
non-repetitive peak output current
4A
Ptot
total power dissipation
see Fig.3
15
W
Tstg
storage temperature range
−55
+150
°C
Txtal
crystal temperature
+150
°C
Tamb
ambient operating temperature range
−25
+150
°C
tsc
short-circuit time
short-circuit to ground; note 1
1h
Fig.3 Power derating curve.
– 25
0
50
150
16
12
4
0
8
MCD368 - 2
100
T
( C)
o
amb
P
(W)
tot
infinite heatsink
R
= 5.5 K/W
th-hs
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
thermal resistance from junction to case
6
K/W


同様の部品番号 - TDA2615

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA2611 PHILIPS-TDA2611 Datasheet
251Kb / 13P
   5 W audio power amplifier
November 1982
logo
Unisonic Technologies
TDA2611 UTC-TDA2611 Datasheet
115Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
NXP Semiconductors
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
   5 W audio power amplifier
November 1982
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
   6 W hi-fi audio power amplifier
July 1994
TDA2614 PHILIPS-TDA2614 Datasheet
64Kb / 10P
   6 W hi-fi audio power amplifier
July 1994
More results

同様の説明 - TDA2615

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
   2 x 6 W hi-fi audio power amplifier
July 1994
TDA2614 PHILIPS-TDA2614 Datasheet
64Kb / 10P
   6 W hi-fi audio power amplifier
July 1994
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
   6 W hi-fi audio power amplifier
July 1994
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050_11 Datasheet
2Mb / 18P
   32 W hi-fi audio power amplifier
TDA2030 STMICROELECTRONICS-TDA2030_05 Datasheet
321Kb / 17P
   14 W hi-fi audio amplifier
logo
Unisonic Technologies
PA2616 UTC-PA2616 Datasheet
183Kb / 8P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
PA2616 UTC-PA2616_15 Datasheet
178Kb / 8P
   2 x 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
KODENSHI_AUK CORP.
KKA2616 KODENSHI-KKA2616 Datasheet
113Kb / 3P
   2 x 12 W Hi-Fi Audio Power Amplifiers with Mute
logo
Integral Corp.
ILA2616 INTEGRAL-ILA2616 Datasheet
119Kb / 3P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com