データシートサーチシステム |
|
TDA3592A データシート(PDF) 9 Page - NXP Semiconductors |
|
TDA3592A データシート(HTML) 9 Page - NXP Semiconductors |
9 / 17 page January 1988 9 Philips Semiconductors Product specification SECAM-PAL transcoder TDA3592A Linearity of (B-Y) demodulation (pin 20) note 3 −− 94 − % Linearity of (R-Y) demodulation (pin 20) note 4 −− 100 − % (R-Y)/(B-Y) ratio (pin 20) −− 1,78 − % Relative deviation of reinserted black level/demodulated black level (pin 20) as a function of temperature (R-Y) signals note 5 −− 0,22 − kHz/ °C (B-Y) signals note 5 −− 0,22 − kHz/ °C Identification SECAM/SECAM note 6 Input voltage for line identification (pin 4) V4 4,1 − VP V Input voltage for frame identification (pin 4) V4 0 − 2,9 V Switching level for line/frame identification (pin 4) V4 3,0 3,5 4,0 V Input current (pin 4) −I4 − 525 µA Voltage at pin 6 during SECAM/PAL V6 − 10,2 − V Voltage at pin 6 during SECAM/PAL V6 − 11,5 − V Voltage at pin 6 during SECAM V6 − 7,0 − V Identification at pin 6 V6 − 10,6 − V Colour OFF for SECAM V6 9,8 10,1 10,4 V Colour ON for SECAM V6 8,8 9,1 9,4 V Slicing level reference voltage (pin 5) V5 − 8,4 − V Sandcastle pulse detector and clamping pulse generator Voltage level at which the vertical blanking pulse is separated V19 1,0 1,5 2,0 V Voltage level at which the horizontal blanking pulse is separated V19 3,0 3,5 4,0 V Voltage level at which the burst gating pulse is separated V19 6,5 7,0 7,5 V PARAMETER CONDITIONS SYMBOL MIN. TYP. MAX. UNIT |
同様の部品番号 - TDA3592A |
|
同様の説明 - TDA3592A |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |