データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA3606A データシート(PDF) 7 Page - NXP Semiconductors

部品番号 TDA3606A
部品情報  Multiple voltage regulator with battery detection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3606A データシート(HTML) 7 Page - NXP Semiconductors

Back Button TDA3606A Datasheet HTML 3Page - NXP Semiconductors TDA3606A Datasheet HTML 4Page - NXP Semiconductors TDA3606A Datasheet HTML 5Page - NXP Semiconductors TDA3606A Datasheet HTML 6Page - NXP Semiconductors TDA3606A Datasheet HTML 7Page - NXP Semiconductors TDA3606A Datasheet HTML 8Page - NXP Semiconductors TDA3606A Datasheet HTML 9Page - NXP Semiconductors TDA3606A Datasheet HTML 10Page - NXP Semiconductors TDA3606A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1998 May 07
7
Philips Semiconductors
Product specification
Multiple voltage regulator with battery
detection
TDA3606A
Notes
1. Minimum operating voltage, only if VP has exceeded 7.6 V.
2. The quiescent current is measured in standby mode. So, the battery input is connected to a low voltage source and
RL = ∞.
3. The voltage of regulator sinks as a result of a supply voltage drop.
4. The delay time can be calculated with the following formula:
5. Battery output voltage will be equal or less than the output voltage of regulator.
6. The drop-out voltage of regulator is measured between VP and VREG.
7. At current limit, Iclr is held constant (behaviour according to dashed line in Fig.4).
8. The foldback current protection limits the dissipated power at short-circuit (see Fig.4).
Regulator (IREG = 5 mA)
Vo
output voltage
0.5 mA
≤ IREG ≤ 150 mA;
7V
≤ VP ≤ 18 V
4.8
5.0
5.2
V
18 V
≤ V
P ≤ 50 V; load dump;
IREG =30mA
4.75
5.0
5.25
V
Io
output current
load dump; VP >25V
−−
100
mA
∆V
REG
line regulation
7 V
≤ VP ≤ 18 V
350
mV
∆V
REGL
load regulation
0.5 mA
≤ IREG ≤ 150 mA
−−
70
mV
SVRR
supply voltage ripple rejection
fi = 200 Hz; Vi(p-p) =2V;
Io =5mA
55
60
dB
VREGd
drop-out voltage
IREG = 150 mA; VP = 5.5 V;
note 6
0.9
1
V
Iclr
current limit
VREG > 4.5 V; note 7
0.2
0.27
0.6
A
Iscr
short-circuit current
RL ≤ 0.5 Ω; note 8
50
80
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
t
d
C
d
I
ch
------- dV
thr
C
d
V
thr
×
I
ch
----------------------- (ms)
==
Fig.4 Foldback current protection.
handbook, halfpage
≥50 mA
MGB853
5.0 V
1 V
VREG
Iscr
IREG
Iclr


同様の部品番号 - TDA3606A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA3606 PHILIPS-TDA3606 Datasheet
95Kb / 16P
   Multiple voltage regulator with battery detection
1998 Jun 16
TDA3606T PHILIPS-TDA3606T Datasheet
95Kb / 16P
   Multiple voltage regulator with battery detection
1998 Jun 16
More results

同様の説明 - TDA3606A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA3606 PHILIPS-TDA3606 Datasheet
95Kb / 16P
   Multiple voltage regulator with battery detection
1998 Jun 16
TDA3616 PHILIPS-TDA3616 Datasheet
94Kb / 20P
   Multiple voltage regulator with battery detection
2000 Jan 14
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3608Q PHILIPS-TDA3608Q Datasheet
123Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 14
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
logo
Sanyo Semicon Device
LA5619M SANYO-LA5619M Datasheet
165Kb / 8P
   Lead Battery Charger IC with Battery Voltage Detection Function
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
TDA3682 PHILIPS-TDA3682 Datasheet
95Kb / 20P
   Multiple voltage regulator with power switches
2002 Mar 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com