データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA3608Q データシート(PDF) 9 Page - NXP Semiconductors

部品番号 TDA3608Q
部品情報  Multiple voltage regulator with switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3608Q データシート(HTML) 9 Page - NXP Semiconductors

Back Button TDA3608Q Datasheet HTML 5Page - NXP Semiconductors TDA3608Q Datasheet HTML 6Page - NXP Semiconductors TDA3608Q Datasheet HTML 7Page - NXP Semiconductors TDA3608Q Datasheet HTML 8Page - NXP Semiconductors TDA3608Q Datasheet HTML 9Page - NXP Semiconductors TDA3608Q Datasheet HTML 10Page - NXP Semiconductors TDA3608Q Datasheet HTML 11Page - NXP Semiconductors TDA3608Q Datasheet HTML 12Page - NXP Semiconductors TDA3608Q Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1997 Aug 14
9
Philips Semiconductors
Preliminary specification
Multiple voltage regulator with switch
TDA3608Q
Reset and hold buffer
IsinkL
LOW-level sink current
VRES/HOLD ≤ 0.8 V
2
−−
mA
ILO
output leakage current
VP = 14.4 V; VRES/HOLD =5V −−
2
µA
tr
rise time
note 4
750
µs
tf
fall time
note 4
150
µs
Reset delay
Ich
charge current
2
4
8
µA
Idch
discharge current
500
800
−µA
Vthr
rising threshold voltage
2.5
3.0
3.5
V
td
delay time
C = 47 nF; note 5
20
35
70
ms
Regulator 1 (IREG1 = 5 mA unless otherwise specified)
VO(off)
output voltage off
1
400
mV
VO
output voltage
1 mA
≤ IREG1 ≤ 600 mA
8.15
8.5
8.85
V
11 V
≤ V
P ≤ 18 V
8.15
8.5
8.85
V
∆V
line regulation
11 V
≤ V
P ≤ 18 V
275
mV
∆V
L
load regulation
1 mA
≤ IREG1 ≤ 600 mA
20
50
mV
Iq
quiescent current
IREG1 = 600 mA
25
60
mA
SVRR
supply voltage ripple
rejection
fi = 3 kHz; Vi(p-p) =2V
60
70
dB
Vd
drop-out voltage
IREG1 = 550 mA; VP = 8.5 V;
note 6
0.4
0.7
V
Im
current limit
VREG1 > 7.5 V; note 7
0.65
1.2
A
Isc
short-circuit current
RL ≤ 0.5 Ω; note 8
250
800
mA
Regulator 2 (IREG2 = 5 mA unless otherwise specified)
VO
output voltage
0.5 mA
≤ IREG2 ≤ 150 mA
4.75
5.0
5.25
V
IREG2 = 300 mA; note 9
4.75
5.0
5.25
V
7V
≤ VP ≤ 18 V
4.75
5.0
5.25
V
18 V
≤ V
P ≤ 50 V;
IREG2 ≤ 150 mA
4.75
5.0
5.25
V
∆V
line regulation
6 V
≤ V
P ≤ 18 V
250
mV
18 V
≤ V
P ≤ 50 V
15
75
mV
∆V
L
load regulation
1 mA
≤ IREG2 ≤ 150 mA
20
50
mV
1mA
≤ IREG2 ≤ 300 mA
−−
100
mV
SVRR
supply voltage ripple
rejection
fi = 3 kHz; Vi(p-p) =2V
60
70
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


同様の部品番号 - TDA3608Q

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA3608Q PHILIPS-TDA3608Q Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
More results

同様の説明 - TDA3608Q

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
TDA3618AJR PHILIPS-TDA3618AJR Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
TDA3618JR PHILIPS-TDA3618JR Datasheet
110Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
1999 Sep 01
TDA3681ATH NXP-TDA3681ATH Datasheet
109Kb / 22P
   Multiple voltage regulator with switch and ignition buffer
2003 Aug 29
TDA3681 PHILIPS-TDA3681 Datasheet
162Kb / 28P
   Multiple voltage regulator with switch and ignition buffer
2002 Apr 10
TDA3609JR PHILIPS-TDA3609JR Datasheet
136Kb / 20P
   Multiple voltage regulator with switch and ignition buffers
1997 Aug 15
TDA3608THQ PHILIPS-TDA3608THQ Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com