データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA3608 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 TDA3608
部品情報  Multiple voltage regulator with switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3608 データシート(HTML) 7 Page - NXP Semiconductors

Back Button TDA3608 Datasheet HTML 3Page - NXP Semiconductors TDA3608 Datasheet HTML 4Page - NXP Semiconductors TDA3608 Datasheet HTML 5Page - NXP Semiconductors TDA3608 Datasheet HTML 6Page - NXP Semiconductors TDA3608 Datasheet HTML 7Page - NXP Semiconductors TDA3608 Datasheet HTML 8Page - NXP Semiconductors TDA3608 Datasheet HTML 9Page - NXP Semiconductors TDA3608 Datasheet HTML 10Page - NXP Semiconductors TDA3608 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1997 Aug 14
7
Philips Semiconductors
Preliminary specification
Multiple voltage regulator with switch
TDA3608Q
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating
18
V
reverse polarity
non-operating
−−18
V
jump start
t
≤ 10 minutes
30
V
load dump protection
t
≤ 50 ms; tr ≥ 2.5 ms
50
V
Ptot
total power dissipation
62
W
Tstg
storage temperature
non-operating
−55
+150
°C
Tamb
ambient temperature
operating
−40
+85
°C
Tj
junction temperature
operating
−40
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-c)
thermal resistance from junction to case
2
K/W
Rth(j-a)
thermal resistance from junction to ambient
in free air
50
K/W


同様の部品番号 - TDA3608

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA3608Q PHILIPS-TDA3608Q Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
TDA3608TH PHILIPS-TDA3608TH Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
TDA3608THQ PHILIPS-TDA3608THQ Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
More results

同様の説明 - TDA3608

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3605Q PHILIPS-TDA3605Q Datasheet
122Kb / 16P
   Multiple voltage regulator with switch
1997 Jul 09
TDA3618AJR PHILIPS-TDA3618AJR Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
TDA3618JR PHILIPS-TDA3618JR Datasheet
110Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
1999 Sep 01
TDA3681ATH NXP-TDA3681ATH Datasheet
109Kb / 22P
   Multiple voltage regulator with switch and ignition buffer
2003 Aug 29
TDA3681 PHILIPS-TDA3681 Datasheet
162Kb / 28P
   Multiple voltage regulator with switch and ignition buffer
2002 Apr 10
TDA3609JR PHILIPS-TDA3609JR Datasheet
136Kb / 20P
   Multiple voltage regulator with switch and ignition buffers
1997 Aug 15
TDA3608THQ PHILIPS-TDA3608THQ Datasheet
122Kb / 22P
   Multiple voltage regulators with switch
2003 Nov 28
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com