データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA3617 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TDA3617
部品情報  Multiple voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3617 データシート(HTML) 6 Page - NXP Semiconductors

Back Button TDA3617 Datasheet HTML 2Page - NXP Semiconductors TDA3617 Datasheet HTML 3Page - NXP Semiconductors TDA3617 Datasheet HTML 4Page - NXP Semiconductors TDA3617 Datasheet HTML 5Page - NXP Semiconductors TDA3617 Datasheet HTML 6Page - NXP Semiconductors TDA3617 Datasheet HTML 7Page - NXP Semiconductors TDA3617 Datasheet HTML 8Page - NXP Semiconductors TDA3617 Datasheet HTML 9Page - NXP Semiconductors TDA3617 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 Jul 14
6
Philips Semiconductors
Preliminary specification
Multiple voltage regulator
TDA3617
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611-E”. The number of the quality specification can be found in the “Quality Reference
Handbook”.
CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; measured in test circuit of Fig.6; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-c)
thermal resistance from junction to case
regulator and switch-on
2
K/W
Rth(j-a)
thermal resistance from junction to ambient
in free air
50
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP
supply voltage
operating
9.5
14.4
17.5
V
REGn on
note 1
6
14.4
17.5
V
jump start
t
≤ 10 minutes
−−
30
V
load dump protection
for 50 ms; tr ≥ 2.5 ms
−−
50
V
Iq
quiescent current
VP = 12.4 V; note 2
540
µA
VP = 14.4 V; note 2
5
−µA
Power supply Schmitt trigger for regulators 1, 2 and 3
Vthr
rising voltage threshold
Ven = 3 V
6.2
6.8
7.5
V
Vthf
falling voltage threshold
Ven = 3 V
4.0
4.5
5.0
V
Vhys
hysteresis
1.5
2.3
3.0
V
Enable input (regulators 1, 2 and 3)
Vi(off)
off-level input voltage
−0.2
+1.2
V
Vi(on)
on-level input voltage
1.8
V
ILI
input leakage current
Ven = 5 V
5
30
50
µA
Hold buffer
IsinkL
LOW-level sink current
VHOLD ≤ 0.8 V
2
−−
mA
ILO
output leakage current
VHOLD =5V
05
µA


同様の部品番号 - TDA3617

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
TDA3616 PHILIPS-TDA3616 Datasheet
94Kb / 20P
   Multiple voltage regulator with battery detection
2000 Jan 14
TDA3616SF PHILIPS-TDA3616SF Datasheet
94Kb / 20P
   Multiple voltage regulator with battery detection
2000 Jan 14
TDA3616T PHILIPS-TDA3616T Datasheet
94Kb / 20P
   Multiple voltage regulator with battery detection
2000 Jan 14
TDA3618 PHILIPS-TDA3618 Datasheet
121Kb / 24P
   Multiple voltage regulator with switch and ignition buffers
2001 May 02
More results

同様の説明 - TDA3617

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
logo
Hitachi Semiconductor
HA13164A HITACHI-HA13164A Datasheet
130Kb / 18P
   Multiple Voltage Regulator
logo
Sanyo Semicon Device
LA5667 SANYO-LA5667 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator???
LA5665 SANYO-LA5665 Datasheet
72Kb / 3P
   Multifunction Multiple Voltage Regulator
logo
STMicroelectronics
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
L5953 STMICROELECTRONICS-L5953 Datasheet
217Kb / 24P
   MULTIPLE SWITCHING VOLTAGE REGULATOR
September 2003
logo
NXP Semiconductors
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
   Multiple output voltage regulator
July 1994
logo
Sanyo Semicon Device
LA5666 SANYO-LA5666 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator?
logo
STMicroelectronics
L5953 STMICROELECTRONICS-L5953_07 Datasheet
378Kb / 31P
   Multiple switching voltage regulator
logo
NXP Semiconductors
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com