データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA3629T データシート(PDF) 9 Page - NXP Semiconductors

部品番号 TDA3629T
部品情報  Light position controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3629T データシート(HTML) 9 Page - NXP Semiconductors

Back Button TDA3629T Datasheet HTML 5Page - NXP Semiconductors TDA3629T Datasheet HTML 6Page - NXP Semiconductors TDA3629T Datasheet HTML 7Page - NXP Semiconductors TDA3629T Datasheet HTML 8Page - NXP Semiconductors TDA3629T Datasheet HTML 9Page - NXP Semiconductors TDA3629T Datasheet HTML 10Page - NXP Semiconductors TDA3629T Datasheet HTML 11Page - NXP Semiconductors TDA3629T Datasheet HTML 12Page - NXP Semiconductors TDA3629T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1996 Sep 04
9
Philips Semiconductors
Product specification
Light position controller
TDA3629
Notes to the characteristics
1. Steady state implies that the motor is not running (Im = 0) and VSET = VFB = 0.5VP.
2. This is only valid when the temperature protection is not active.
3.
∆V
SET is the difference in voltage on the set potentiometer between the situation when the ground wire is interrupted
(VSET, br) and voltage on the set potentiometer during normal operation (when VSET = 0.17Vb = 2.72 V).
The conditions for this test are:
RSET = 20 kΩ; Vb = 16 V; ∆VSET = VSET, br − 2.72 V; see Fig.6.
QUALITY SPECIFICATION
The quality of this device is in accordance with
“SNW-FQ-611 part E”. The numbers of the quality specification can be
found in the
“Quality reference Handbook”. The handbook can be ordered using the code 9397 750 00192.
Fig.6 Conditions for the test of note 3.
The 170
Ω, 830 Ω and 390 Ω resistors form the setting potentiometer in its worst case position. The given situation (combination of Vb, RSET and the
position of the set potentiometer) forms the worst case situation. The given maximum of
∆VSET guarantees that any other module, connected to the
same set potentiometer, will not start to activate its motor, when its motor switch-on level is higher than 0.01Vb (RSET ≥ 20 kΩ).
handbook, halfpage
MGE637
RSET
VSET, br
+Vb
battery
ground
830
390
170
REMAINDER OF
MODULE
ground wire not connected
+


同様の部品番号 - TDA3629T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA3601AQ PHILIPS-TDA3601AQ Datasheet
84Kb / 12P
   Multiple output voltage regulators
1995 Dec 13
TDA3601Q PHILIPS-TDA3601Q Datasheet
84Kb / 12P
   Multiple output voltage regulators
1995 Dec 13
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
   Multiple output voltage regulator
July 1994
TDA3603 PHILIPS-TDA3603 Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
TDA3603P PHILIPS-TDA3603P Datasheet
121Kb / 20P
   Multiple voltage regulator with switch
1997 Aug 15
More results

同様の説明 - TDA3629T

メーカー部品番号データシート部品情報
logo
Festo Corporation.
192218 FESTO-192218 Datasheet
82Kb / 2P
   End position controller
12/26/22
192216 FESTO-192216 Datasheet
81Kb / 2P
   End position controller
12/26/22
192217 FESTO-192217 Datasheet
83Kb / 2P
   End position controller
12/26/22
548129 FESTO-548129 Datasheet
90Kb / 2P
   End position controller
12/26/22
537321 FESTO-537321 Datasheet
88Kb / 2P
   nullEnd position controller
12/26/22
logo
Tyco Electronics
2213748-1 MACOM-2213748-1 Datasheet
141Kb / 1P
   COVER, LIGHT CONTROLLER
logo
Holtek Semiconductor In...
HT2040A HOLTEK-HT2040A Datasheet
475Kb / 9P
   Christmas Light Controller
logo
FOTEK CONTROLS CO., LTD...
C-1-LCK FOTEK-C-1-LCK Datasheet
88Kb / 1P
   Light curtain controller
logo
NEC
UPD98409 NEC-UPD98409 Datasheet
402Kb / 36P
   ATM LIGHT SAR CONTROLLER
logo
List of Unclassifed Man...
YX8052F ETC-YX8052F Datasheet
426Kb / 2P
   Solar lawn light controller
Ver 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com