データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA3665AT データシート(PDF) 8 Page - NXP Semiconductors

部品番号 TDA3665AT
部品情報  Very low dropout voltage/quiescent current 8.5 V voltage regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3665AT データシート(HTML) 8 Page - NXP Semiconductors

Back Button TDA3665AT Datasheet HTML 4Page - NXP Semiconductors TDA3665AT Datasheet HTML 5Page - NXP Semiconductors TDA3665AT Datasheet HTML 6Page - NXP Semiconductors TDA3665AT Datasheet HTML 7Page - NXP Semiconductors TDA3665AT Datasheet HTML 8Page - NXP Semiconductors TDA3665AT Datasheet HTML 9Page - NXP Semiconductors TDA3665AT Datasheet HTML 10Page - NXP Semiconductors TDA3665AT Datasheet HTML 11Page - NXP Semiconductors TDA3665AT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2000 Apr 25
8
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current
8.5 V voltage regulator
TDA3665
EXAMPLE 1
The regulator is stabilized with an electrolytic capacitor of
68
µF (ESR = 0.5 Ω). At Tamb = −40 °C, the capacitor
value is decreased to 22
µF and the ESR is increased
to 3.5
Ω. The regulator will remain stable at a temperature
of Tamb = −40 °C.
EXAMPLE 2
The regulator is stabilized with an electrolytic capacitor of
10
µF (ESR = 3.3 Ω). At Tamb = −40 °C, the capacitor
value is decreased to 3
µF and the ESR is increased
to 20
Ω. The regulator will remain stable at a temperature
of Tamb = −40 °C.
EXAMPLE 3
The regulator is stabilized with a 100 nF MKT capacitor
connected to the output. When the output current is over
200
µA full stability is guaranteed.
Because the thermal influence on the capacitor value is
almost zero, the regulator will remain stable at a
temperature of Tamb = −40 °C.
EXAMPLE 4
The regulator is stabilized with a 100 nF capacitor in
parallel with an electrolytic capacitor of 10
µF connected to
the output.
The regulator is now stable under all conditions and
independent of:
• The ESR of the electrolytic capacitor
• The value of the electrolytic capacitor
• The output current.
Application circuits
The maximum output current of the regulator equals:
When Tamb =21 °C and VP = 17.5 V the maximum output
current equals 140 mA.
The total thermal resistance of the TDA3665 can be
decreased from 125 to 50 K/W for the SO8 version. For
the SO4 version it can be decreased from 100 to 40 K/W
when GND pins 2 and 4 of the package are soldered to
the printed-circuit board.
Application circuit with backup function
Sometimes a backup function is needed to supply, for
example, a microcontroller for a short period of time when
the supply voltage spikes to 0 V (or even
−1 V).
This function can easily be built with the TDA3665 by using
an output capacitor with a large value. When the supply
voltage is 0 V (or
−1 V), only a small current will flow into
pin REG from this output capacitor (a few
µA).
The application circuit is given in Fig.7.
I
REG max
()
150
T
amb
R
th j
a
()
V
P
V
REG
()
×
-----------------------------------------------------------
=
150
T
amb
100
V
P
8.5
()
×
------------------------------------------ mA
()
=
ndbook, halfpage
MBL128
VP
13
2, 4
C2(2)
TDA3665
C1
1
µF
VREG = 8.5 V
Fig.7
Application circuit with backup function
(SO4 version).
C1 is optional (to minimize supply noise only).
C2
≤ 4700 µF.


同様の部品番号 - TDA3665AT

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3661AT PHILIPS-TDA3661AT Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3661T PHILIPS-TDA3661T Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3662AT PHILIPS-TDA3662AT Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
More results

同様の説明 - TDA3665AT

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA3675 PHILIPS-TDA3675 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 8.5 V voltage regulator with enable
2000 Feb 01
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com