データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA3675 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 TDA3675
部品情報  Low dropout voltage/quiescent current 8.5 V voltage regulator with enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3675 データシート(HTML) 5 Page - NXP Semiconductors

  TDA3675 Datasheet HTML 1Page - NXP Semiconductors TDA3675 Datasheet HTML 2Page - NXP Semiconductors TDA3675 Datasheet HTML 3Page - NXP Semiconductors TDA3675 Datasheet HTML 4Page - NXP Semiconductors TDA3675 Datasheet HTML 5Page - NXP Semiconductors TDA3675 Datasheet HTML 6Page - NXP Semiconductors TDA3675 Datasheet HTML 7Page - NXP Semiconductors TDA3675 Datasheet HTML 8Page - NXP Semiconductors TDA3675 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2000 Feb 01
5
Philips Semiconductors
Preliminary specification
Low dropout voltage/quiescent current
8.5 V voltage regulator with enable
TDA3675
CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; VI(EN) = 5 V; measured in test circuit of Fig.3; unless otherwise specified.
Notes
1. The regulator output will follow VP if VP <VREG +VREG(drop).
2. Limiting values as applicable for device type:
a) TDA3675T: VP ≤ 33 V, −40 °C ≤ Tamb ≤ +85 °C.
b) TDA3675AT: VP ≤ 45 V, −40 °C ≤ Tamb ≤ +125 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply voltage: pin VP
VP
supply voltage
regulator operating; note 1
TDA3675T
3
14.4
33
V
TDA3675AT
3
14.4
45
V
Iq
quiescent current
VP = 14.4 V; IREG = 0 mA; VI(EN) =0V −
415
µA
VP = 14.4 V; IREG = 0 mA; VI(EN) =5V −
15
30
µA
9.5 V
≤ V
P ≤ 22 V; IREG =10mA
0.2
0.5
mA
9.5 V
≤ VP ≤ 22 V; IREG =50mA
1.4
2.5
mA
Enable input: pin EN
VI(EN)
enable input voltage
enable off; VREG ≤ 0.8 V
−1.0
+1.0
V
enable on; VREG ≥ 8.0 V
3.0
18
V
II(EN)
enable input current
VI(EN) =5V
0.3
−µA
Regulator output: pin REG; note 2
VREG
output voltage
11.5 V
≤ VP ≤ 22 V; IREG = 0.5 mA
8.16
8.5
8.84
V
9.5 V
≤ VP ≤ 45 V; IREG = 0.5 mA;
Tamb ≤ 125 °C
8.08
8.5
8.92
V
0.5 mA
≤ I
REG ≤ 100 mA;
Tamb ≤ 125 °C
8.08
8.5
8.92
V
VREG(drop)
dropout voltage
VP = 8.0 V; IREG = 50 mA;
Tamb ≤ 85 °C
0.18
0.3
V
VREG(stab)
long-term stability voltage
20
mV/1000 h
∆V
REG(line)
line input regulation voltage 11.5 V
≤ VP ≤ 16 V; IREG = 0.5 mA
110
mV
10.5 V
≤ V
P ≤ 22 V; IREG = 0.5 mA
130
mV
7V
≤ V
P ≤ 45 V; IREG = 0.5 mA;
Tamb ≤ 125 °C
150
mV
∆V
REG(load)
load output regulation
voltage
0.5 mA
≤ IREG ≤ 50 mA;
Tamb ≤ 125 °C
10
50
mV
SVRR
supply voltage ripple
rejection
fi = 120 Hz; Vi(ripple) = 1 V (RMS);
IREG = 0.5 mA
50
60
dB
IREG(crl)
current limit
VREG > 8.0 V
0.17
0.25
A
ILO(rp)
output leakage current at
reverse polarity
VP = −15 V; VREG ≤ 0.3 V
1
500
µA


同様の部品番号 - TDA3675

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3672AT PHILIPS-TDA3672AT Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3673AT PHILIPS-TDA3673AT Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3673T PHILIPS-TDA3673T Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
More results

同様の説明 - TDA3675

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3674 PHILIPS-TDA3674 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 5 V voltage regulator with enable
2000 Feb 01
TDA3676 PHILIPS-TDA3676 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 10 V voltage regulator with enable
2000 Feb 01
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com