データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP2230SOP データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 STP2230SOP
部品情報  Crossbar Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

STP2230SOP データシート(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button STP2230SOP Datasheet HTML 3Page - List of Unclassifed Manufacturers STP2230SOP Datasheet HTML 4Page - List of Unclassifed Manufacturers STP2230SOP Datasheet HTML 5Page - List of Unclassifed Manufacturers STP2230SOP Datasheet HTML 6Page - List of Unclassifed Manufacturers STP2230SOP Datasheet HTML 7Page - List of Unclassifed Manufacturers STP2230SOP Datasheet HTML 8Page - List of Unclassifed Manufacturers STP2230SOP Datasheet HTML 9Page - List of Unclassifed Manufacturers STP2230SOP Datasheet HTML 10Page - List of Unclassifed Manufacturers STP2230SOP Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Crossbar Switch
XB1
STP2230SOP
July 1997
tCYCLE
Clock cycle time
12
10
ns
tWL
Clock minimum low width
5.4
4.4
ns
tWH
Clock minimum high width
5.4
4.4
ns
tE
Clock rise/fall time
250
600
250
600
ps
Symbol
Parameter
-83
-100
Unit
Min
Typ
Max
Min
Typ
Max


同様の部品番号 - STP2230SOP

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STP2200ABGA ETC1-STP2200ABGA Datasheet
409Kb / 36P
   Uniprocessor System Controller
logo
STMicroelectronics
STP220N6F7 STMICROELECTRONICS-STP220N6F7 Datasheet
561Kb / 13P
   High avalanche ruggedness
October 2015 Rev 3
logo
List of Unclassifed Man...
STP2223BGA ETC2-STP2223BGA Datasheet
439Kb / 34P
   UPA to PCI Interface
logo
STMicroelectronics
STP22N60M6 STMICROELECTRONICS-STP22N60M6 Datasheet
452Kb / 13P
   N-channel 600 V, 196 m typ., 15 A, MDmeshTM M6 Power MOSFET in a TO-220 package
November 2018 Rev 1
STP22NE03 STMICROELECTRONICS-STP22NE03 Datasheet
75Kb / 5P
   N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
More results

同様の説明 - STP2230SOP

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBT3384 TI-SN74CBT3384_1 Datasheet
59Kb / 5P
[Old version datasheet]   10-BIT CROSSBAR SWITCH
logo
Pericom Semiconductor C...
PI5X1018 PERICOM-PI5X1018 Datasheet
429Kb / 7P
   18-Bit, 10-Port Crossbar Switch
logo
NXP Semiconductors
CBTL08GP053 NXP-CBTL08GP053 Datasheet
791Kb / 38P
   USB Type-C High performance Crossbar Switch IC
Rev. 2 ??1 August 2016
logo
Dow-Key Microwave Corpo...
7002 DOW-KEY-7002 Datasheet
534Kb / 2P
   C-band Crossbar/Fan-Out
7001 DOW-KEY-7001 Datasheet
536Kb / 2P
   C-band Crossbar/Fan-Out
logo
Silicon Laboratories
AN671 SILABS-AN671 Datasheet
107Kb / 6P
   PRECISION32??PORT I/O CROSSBAR DECODER
logo
Maxim Integrated Produc...
MAX9132 MAXIM-MAX9132 Datasheet
736Kb / 20P
   Programmable, High-Speed, Multiple Input/Output LVDS Crossbar Switches
Rev 2; 4/11
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256_15 Datasheet
295Kb / 8P
   Switch
PE4280 PEREGRINE-PE4280_15 Datasheet
261Kb / 8P
   Switch
logo
Mini-Circuits
MSW-2-20 MINI-MSW-2-20 Datasheet
312Kb / 2P
   Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com