データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA4570 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 TDA4570
部品情報  NTSC decoder
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4570 データシート(HTML) 5 Page - NXP Semiconductors

  TDA4570 Datasheet HTML 1Page - NXP Semiconductors TDA4570 Datasheet HTML 2Page - NXP Semiconductors TDA4570 Datasheet HTML 3Page - NXP Semiconductors TDA4570 Datasheet HTML 4Page - NXP Semiconductors TDA4570 Datasheet HTML 5Page - NXP Semiconductors TDA4570 Datasheet HTML 6Page - NXP Semiconductors TDA4570 Datasheet HTML 7Page - NXP Semiconductors TDA4570 Datasheet HTML 8Page - NXP Semiconductors TDA4570 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
August 1986
5
Philips Semiconductors
Product specification
NTSC decoder
TDA4570
Colour switching output
(open n-p-n emitter)
output current
−I
16
−−
5, 0
mA
colour-ON voltage
V16-3
6,0
V
colour-OFF voltage
V16-3
0
V
HUE control and service switches
Phase shift of reference carrier
relative to the input signal
V11−3 =3 V
φ−50
+ 5
deg
Phase shift of reference carrier
relative to phase at V11−3 =3 V
V11−3 =2 V
−φ
30
−−
deg
V11−3 =4 V
30
−−
deg
Internal source (open pin)
3
V
First service position
(PLL is inactive for oscillator
adjustment, colour ON, HUE OFF)
V11-3
0
1V
Second service position
(colour ON, HUE OFF)
V11-3
5
VP
V
Demodulator part
Colour difference signals output
voltage (peak-to-peak value)
−(R-Y) signal
V1−3(p-p)
0,84
1,05
1,32
V
−(B-Y) signal
V2-3(p-p)
1,06
1,33
1,67
V
Ratio of colour difference
output signals (R-Y)/(B-Y)
0,71
0,79
0,87
D.C. voltage at colour
difference outputs
V1,2-3
7,7
V
Residual carrier at colour difference
outputs (peak-to-peak value)
(1 x subcarrier frequency)
V1, 2-3(p-p)
−−
20
mV
(2 x subcarrier frequency)
V1, 2-3(p-p)
−−
30
mV
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
V
13
V
23
-------------


同様の部品番号 - TDA4570

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TDA4500 ETC-TDA4500 Datasheet
687Kb / 11P
   SMALL SIGNAL COMBINATION IC FOR MONOCHROME TV
logo
NXP Semiconductors
TDA4501 PHILIPS-TDA4501 Datasheet
540Kb / 13P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
oCTOBER 1984
TDA4502A PHILIPS-TDA4502A Datasheet
805Kb / 18P
   SMALL SIGNAL COMBINATION IC FOR COLOUR TV
October 1988
TDA4503 PHILIPS-TDA4503 Datasheet
881Kb / 14P
   SMALL-SIGINAL COMBINATION IC FOR BLACK-AND-WHITE TV
November 1984
TDA4504 PHILIPS-TDA4504 Datasheet
190Kb / 26P
   Small signal combination for multistandard colour TV
February 1992
More results

同様の説明 - TDA4570

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA3570 PHILIPS-TDA3570 Datasheet
209Kb / 6P
   NTSC DECODER
October 1979
TDA3563 PHILIPS-TDA3563 Datasheet
495Kb / 10P
   NTSC DECODER
December 1982
TDA3567 PHILIPS-TDA3567 Datasheet
106Kb / 15P
   NTSC decoder
June 1986
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
   PAL/NTSC decoder
February 1994
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
   NTSC/PAL Decoder
CXA1218S SONY-CXA1218S Datasheet
704Kb / 15P
   NTSC/PAL Decoder
logo
Intersil Corporation
HMP8116 INTERSIL-HMP8116 Datasheet
182Kb / 43P
   NTSC/PAL Video Decoder
HMP8117 INTERSIL-HMP8117 Datasheet
269Kb / 45P
   NTSC/PAL Video Decoder
logo
Texas Instruments
TVP5020 TI-TVP5020 Datasheet
387Kb / 87P
[Old version datasheet]   NTSC/PAL VIDEO DECODER
logo
List of Unclassifed Man...
M51271FP ETC1-M51271FP Datasheet
36Kb / 3P
   NTSC/PAL CHROMA DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com