データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79M535-1JC データシート(PDF) 8 Page - Advanced Micro Devices

部品番号 AM79M535-1JC
部品情報  Metering Subscriber Line Interface Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79M535-1JC データシート(HTML) 8 Page - Advanced Micro Devices

Back Button AM79M535-1JC Datasheet HTML 4Page - Advanced Micro Devices AM79M535-1JC Datasheet HTML 5Page - Advanced Micro Devices AM79M535-1JC Datasheet HTML 6Page - Advanced Micro Devices AM79M535-1JC Datasheet HTML 7Page - Advanced Micro Devices AM79M535-1JC Datasheet HTML 8Page - Advanced Micro Devices AM79M535-1JC Datasheet HTML 9Page - Advanced Micro Devices AM79M535-1JC Datasheet HTML 10Page - Advanced Micro Devices AM79M535-1JC Datasheet HTML 11Page - Advanced Micro Devices AM79M535-1JC Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Am79M535 Data Sheet
Power Dissipation Battery = –48 V, Normal Polarity
On-hook Open Circuit state
–1*
35
35
120
80
mW
On-hook OHT state
–1*
135
135
250
200
On-hook Active state
–1*
200
200
400
300
Off-hook OHT state
RL = 600 Ω
500
750
Off-hook Active state
RL = 600 Ω
650
1000
Supply Currents
VCC on-hook supply current
Open Circuit state
OHT state
Active state
3.0
6.0
7.5
4.5
10.0
12.0
mA
VEE on-hook supply current
Open Circuit state
OHT state
Active state
1.0
2.2
2.7
2.3
3.5
6.0
VBAT on-hook supply current
Open Circuit state
OHT state
Active state
0.4
3.0
4.0
1.0
5.0
6.0
Power Supply Rejection Ratio (VRIPPLE = 50 mVrms)
VCC
50 Hz to 3400 Hz
–1*
25
30
45
45
dB
6, 7
3.4 kHz to 50 kHz
–1*
22
25
35
35
VEE
50 Hz to 3400 Hz
–1*
20
25
40
40
3.4 kHz to 50 kHz
–1*
10
10
25
25
VBAT
50 Hz to 3400 Hz
–1
27
30
45
45
3.4 kHz to 50 kHz
–1*
20
25
40
40
Off-Hook Detector
Current threshold accuracy
IDET = 365/RD Nominal
–20
+20
%
Ground-Key Detector Thresholds, Active state, Battery = –48 V (See Test Circuit F)
Ground-key resistance threshold
B(RING) to GND
2.0
5.0
10.0
k
Ground-key current threshold
B(RING) to GND
9
mA
8
Midpoint to GND
9
Ring-Trip Detector Input
Bias current
–5
–0.05
µA
Offset voltage
Source resistance 0 to 2 M
–50
0
+50
mV
12
Logic Inputs (C4–C1, E0, E1, and CHCLK)
Input High voltage
2.0
V
Input Low voltage
0.80
Input High current
All inputs except E1
–75
40
µA
Input High current
Input E1
–75
45
Input Low current
–0.40
mA
ELECTRICAL CHARACTERISTICS (continued)
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note


同様の部品番号 - AM79M535-1JC

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AM79M574 ETC2-AM79M574 Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574-1JC ETC2-AM79M574-1JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574-2JC ETC2-AM79M574-2JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574-JC ETC2-AM79M574-JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
AM79M574JC ETC2-AM79M574JC Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
More results

同様の説明 - AM79M535-1JC

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AM79M574 ETC2-AM79M574 Datasheet
305Kb / 20P
   Metering Subscriber Line Interface Circuit
logo
Advanced Micro Devices
AM79M576A AMD-AM79M576A Datasheet
252Kb / 18P
   Metering Subscriber Line Interface Circuit
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com