データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA4665T データシート(PDF) 9 Page - NXP Semiconductors

部品番号 TDA4665T
部品情報  Baseband delay line
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4665T データシート(HTML) 9 Page - NXP Semiconductors

Back Button TDA4665T Datasheet HTML 4Page - NXP Semiconductors TDA4665T Datasheet HTML 5Page - NXP Semiconductors TDA4665T Datasheet HTML 6Page - NXP Semiconductors TDA4665T Datasheet HTML 7Page - NXP Semiconductors TDA4665T Datasheet HTML 8Page - NXP Semiconductors TDA4665T Datasheet HTML 9Page - NXP Semiconductors TDA4665T Datasheet HTML 10Page - NXP Semiconductors TDA4665T Datasheet HTML 11Page - NXP Semiconductors TDA4665T Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1996 Dec 17
9
Philips Semiconductors
Product specification
Baseband delay line
TDA4665
X
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
8
9
1
16
y
pin 1 index
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E (1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
10.0
9.8
4.0
3.8
1.27
6.2
5.8
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
1.0
0.4
SOT109-1
91-08-13
95-01-23
076E07S
MS-012AC
0.069
0.0098
0.0039
0.057
0.049
0.01
0.019
0.014
0.0098
0.0075
0.39
0.38
0.16
0.15
0.050
1.05
0.041
0.24
0.23
0.028
0.020
0.028
0.012
0.01
0.25
0.01
0.004
0.039
0.016
0
2.5
5 mm
scale
SO16: plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1


同様の部品番号 - TDA4665T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA4660 PHILIPS-TDA4660 Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
TDA4660T PHILIPS-TDA4660T Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
TDA4661 PHILIPS-TDA4661 Datasheet
56Kb / 6P
   Baseband delay line
December 1994
TDA4661T PHILIPS-TDA4661T Datasheet
56Kb / 6P
   Baseband delay line
December 1994
TDA4662 PHILIPS-TDA4662 Datasheet
102Kb / 12P
   Baseband delay line
1996 Nov 14
More results

同様の説明 - TDA4665T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA4661 PHILIPS-TDA4661 Datasheet
56Kb / 6P
   Baseband delay line
December 1994
TDA4662 PHILIPS-TDA4662 Datasheet
102Kb / 12P
   Baseband delay line
1996 Nov 14
logo
Integral Corp.
ILA4661 INTEGRAL-ILA4661 Datasheet
107Kb / 2P
   BASEBAND DELAY LINE
logo
NXP Semiconductors
TDA4663T PHILIPS-TDA4663T Datasheet
69Kb / 12P
   Baseband delay line
1996 Nov 22
logo
TEMIC Semiconductors
U3661M TEMIC-U3661M Datasheet
138Kb / 9P
   Baseband Delay Line
logo
KODENSHI_AUK CORP.
KKA4661 KODENSHI-KKA4661 Datasheet
74Kb / 3P
   BASEBAND DELAY LINE
logo
NXP Semiconductors
TDA4660 PHILIPS-TDA4660 Datasheet
278Kb / 7P
   64 uS BASEBAND DELAY LINE
March 1991
logo
TEMIC Semiconductors
U3660M TEMIC-U3660M Datasheet
77Kb / 7P
   Baseband Delay Line (64 Us)
logo
Sony Corporation
CXL5520M SONY-CXL5520M Datasheet
120Kb / 9P
   CMOS-CCD Baseband 1H Delay Line
logo
TEMIC Semiconductors
U3665M TEMIC-U3665M Datasheet
131Kb / 9P
   Baseband Delay Line 64 us (Improved Version)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com