データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA8272AFV データシート(PDF) 3 Page - Rohm

部品番号 BA8272AFV
部品情報  BUS Interface for car audio
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA8272AFV データシート(HTML) 3 Page - Rohm

  BA8272AFV Datasheet HTML 1Page - Rohm BA8272AFV Datasheet HTML 2Page - Rohm BA8272AFV Datasheet HTML 3Page - Rohm BA8272AFV Datasheet HTML 4Page - Rohm BA8272AFV Datasheet HTML 5Page - Rohm BA8272AFV Datasheet HTML 6Page - Rohm BA8272AFV Datasheet HTML 7Page - Rohm BA8272AFV Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BA8272AFV
Audio ICs
3/8
!
!
!
!
Electrical characteristics
_ (unless otherwise noted, Ta=25
°C, Vcc=5.5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit current 1
ICC1
IIN1
IIN2
IIN3
IIN4
IIN5
IIN6
VSAT2
VSAT1
VBON
VHBA
VTH
VHYS
R3
R21
ICC2
ICC3
VLOSS1
VLOSS2
−µA
µA
µA
µA
Circuit current 2
mA
Circuit current 3
mA
IL
=100mA
V
V
VCC-BUS ON OUT voltage 1
VCC-BUS ON OUT voltage 2
75
75
10
10
330
3.5
Input terminal current 1
Input terminal current 2
Input terminal current 3
Input terminal current 4
Input terminal current 5
Input terminal current 6
Output internal resistor 1
Output saturation voltage 1
Output saturation voltage 2
Reset output voltage
CLK OUT output "H" level
BUS CLK input threshold level
BUS CLK input hysteresis width
This product is not designed for protection against radio active rays.
Output internal resistor 2
µA
mA
k
k
V
V
V
V
V
mV
µA
35.2
3.52
0.75
300
VHI
−0.3
1.1
5.0
0.15
0.09
0.2
0.1
0.2
100
100
25
25
395
4.8
47
4.7
0.80
400
VHI
−0.5
10
3.0
13.0
0.35
0.2
0.4
0.25
0.4
140
140
40
40
500
6.4
58.8
5.88
0.85
500
VHI
−0.7
Upon no load, all the terminals turn OFF.
IL
=50mA
BUS RESET terminal 5.5V input
DATA OUT terminal
BUS DATA pull up resistance 1k
0V inputted into the BUS CLOCK terminal.
"H" level of the BUS ON OUT terminal shall
be VH1. VHBA
=VH1−VH3
I8
=1mA, BUS RESET terminal 5.5V
CLK OUT terminal observation
IL
=40mA
BUS CLK terminal 5.5V input
BUS DATA terminal 5.5V input
DATA IN terminal 5.5V input
Upon no load LINK OFF
=5.5V
BUS ON input terminal 5.5V input
BUS ON terminal
BUS ON, CLK OUT, DATA OUT
LINK OFF terminal 5.5V input
CLK OUT terminal observation


同様の部品番号 - BA8272AFV

メーカー部品番号データシート部品情報
logo
Rohm
BA8272F ROHM-BA8272F Datasheet
108Kb / 6P
   Bus interface for car audio
More results

同様の説明 - BA8272AFV

メーカー部品番号データシート部品情報
logo
Rohm
BA8270F ROHM-BA8270F Datasheet
97Kb / 6P
   Bus interface for car audio
BA8272F ROHM-BA8272F Datasheet
108Kb / 6P
   Bus interface for car audio
logo
Princeton Technology Co...
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
   Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
   Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
   Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
   Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
   Stereo Audio Processor for Car Audio
February 2010
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
   Stereo Audio Processor for Car Audio
logo
Rohm
BD37033FV-M ROHM-BD37033FV-M Datasheet
1Mb / 41P
   Sound Processors for Car Audio
logo
New Japan Radio
NJM2160A NJRC-NJM2160A Datasheet
109Kb / 4P
   DUAL BOOST AMPLIFIER for CAR AUDIO
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com