データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6-131-061000 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 6-131-061000
部品情報  HIGH PERFORMANCE PRESSURE SENSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

6-131-061000 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  6-131-061000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6-131-061000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-- An Electromotive Solutions Company –
2800 ANVIL STREET NORTH ● ST. PETERSBURG, FL 33710 USA ● PHONE: (727) 347-2181 ● Fax: (727) 347-7520
Process Control Systems
Natural Gas Production
Liquid Level Measurement
Gas Compressors
Chemical Processing Systems
Wastewater Treatment
Chemical Processing Systems
Pulp & Paper Processing
The Model 6-13 is uniquely designed for
use in a broad variety of applications
where accurate, reliable, high performance
pressure measurement is required.
The Model 6-13 utilizes a micro-machined
silicon pressure sensor that is isolated for
all media by a 316L stainless steel
diaphragm and high performance digital
temperature compensation ASIC. This
translates into excellent linearity, increased
long-term stability & reliability.
Micro-machined silicon pressure sensors
provide accuracies down to ±0.20% with
effectively no hysterisis and a
long-term
drift of less that 0.15% FSO for one (1)
year & proof pressures greater than 3X the
rated pressure.
All
Model 6-13 configurations
have
extremely robust EMI/RFI protection. The
Model 6-13 will not shift, drift, or fail in
an EMI/RFI environment of greater than 10
volts/meter up to 1.0GHz.
The Model 6-13 is hermetically sealed by
welding & conforms to NEMA 4 & 4X
enclosure requirements.
(Except for
vented gage configurations.)
WWW.VSENSORS.COM
HIGH PERFORMANCE
PRESSURE SENSOR
MODEL 6-13
Wide Choice of
Pressure Ranges & Fittings
Highly
Corrosion Resistant
Exceptional
Long-term Stability
CONNECTOR
(Ø.75 [19.05])
(1.74 [44.20])
INCHES [mm]
TYPICAL OVERALL DIMENSIONS
FOR ACTUAL DIMENSIONS
SEE OUTLINE DRAWING
.75 [19.05] HEX
ACROSS FLATS
(.25 [6.35])
(1.49 [37.85])


同様の部品番号 - 6-131-061000

メーカー部品番号データシート部品情報
logo
Tyco Electronics
6-1311703-1 MACOM-6-1311703-1 Datasheet
503Kb / 17P
   RF Coax Connectors
More results

同様の説明 - 6-131-061000

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
DP2-41N ETC2-DP2-41N Datasheet
630Kb / 15P
   High-performance Digital Pressure Sensor
logo
Sensortechnics GmbH
VSOHPS30-50-15 SENSORTECHNICS-VSOHPS30-50-15 Datasheet
70Kb / 4P
   High performance pressure controllers
logo
List of Unclassifed Man...
HPTA0040 ETC2-HPTA0040 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0200 ETC2-HPTA0200 Datasheet
199Kb / 3P
   High Temperature Pressure Sensor
HPTA2000 ETC2-HPTA2000 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0700 ETC2-HPTA0700 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0020 ETC2-HPTA0020 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA1000 ETC2-HPTA1000 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA0100 ETC2-HPTA0100 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
HPTA4000 ETC2-HPTA4000 Datasheet
200Kb / 3P
   High Temperature Pressure Sensor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com