データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA4820T データシート(PDF) 8 Page - NXP Semiconductors

部品番号 TDA4820T
部品情報  Sync separation circuit for video applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4820T データシート(HTML) 8 Page - NXP Semiconductors

Back Button TDA4820T Datasheet HTML 2Page - NXP Semiconductors TDA4820T Datasheet HTML 3Page - NXP Semiconductors TDA4820T Datasheet HTML 4Page - NXP Semiconductors TDA4820T Datasheet HTML 5Page - NXP Semiconductors TDA4820T Datasheet HTML 6Page - NXP Semiconductors TDA4820T Datasheet HTML 7Page - NXP Semiconductors TDA4820T Datasheet HTML 8Page - NXP Semiconductors TDA4820T Datasheet HTML 9Page - NXP Semiconductors TDA4820T Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
June 1990
8
Philips Semiconductors
Preliminary specification
Sync separation circuit for video applications
TDA4820T
PACKAGE OUTLINE
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
5.0
4.8
4.0
3.8
1.27
6.2
5.8
1.05
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
0.25
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
1.0
0.4
SOT96-1
X
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
4
5
pin 1 index
1
8
y
076E03S
MS-012AA
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.20
0.19
0.16
0.15
0.050
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.01
0.041
0.004
0.039
0.016
0
2.5
5 mm
scale
SO8: plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
95-02-04
97-05-22


同様の部品番号 - TDA4820T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA4821P PHILIPS-TDA4821P Datasheet
93Kb / 20P
   Autosize IC for colour monitors
2000 Feb 09
More results

同様の説明 - TDA4820T

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TB1311AFG TOSHIBA-TB1311AFG_06 Datasheet
948Kb / 46P
   Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
TB1328FG TOSHIBA-TB1328FG Datasheet
822Kb / 47P
   Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
TB1311AFG TOSHIBA-TB1311AFG Datasheet
1Mb / 46P
   Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
logo
Harris Corporation
CD22402 HARRIS-CD22402 Datasheet
76Kb / 11P
   Sync Generator for TV Applications and Video Processing Systems
logo
NTE Electronics
NTE7049 NTE-NTE7049 Datasheet
30Kb / 3P
   Integrated Circuit CMOS-Sync Generator for TV & Video Processing Systems
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
logo
Toshiba Semiconductor
TB1305FG TOSHIBA-TB1305FG Datasheet
661Kb / 33P
   Component SW, Sync Separation and H/V Frequency Counter IC for TVs
logo
National Semiconductor ...
LM1291 NSC-LM1291 Datasheet
205Kb / 12P
   Video PLL System for Continuous-Sync Monitors
LM1292 NSC-LM1292 Datasheet
217Kb / 10P
   Video PLL System for Continuous-Sync Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com