データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA4886A データシート(PDF) 2 Page - NXP Semiconductors

部品番号 TDA4886A
部品情報  140 MHz video controller with I2C-bus
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4886A データシート(HTML) 2 Page - NXP Semiconductors

  TDA4886A Datasheet HTML 1Page - NXP Semiconductors TDA4886A Datasheet HTML 2Page - NXP Semiconductors TDA4886A Datasheet HTML 3Page - NXP Semiconductors TDA4886A Datasheet HTML 4Page - NXP Semiconductors TDA4886A Datasheet HTML 5Page - NXP Semiconductors TDA4886A Datasheet HTML 6Page - NXP Semiconductors TDA4886A Datasheet HTML 7Page - NXP Semiconductors TDA4886A Datasheet HTML 8Page - NXP Semiconductors TDA4886A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
1998 Dec 04
2
Philips Semiconductors
Product specification
140 MHz video controller with I2C-bus
TDA4886A
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
3
ORDERING INFORMATION
4
QUICK REFERENCE DATA
5
BLOCK DIAGRAM
6
PINNING
7
FUNCTIONAL DESCRIPTION
7.1
Signal input stage (input clamping, blanking
and clipping)
7.2
Electronic potentiometer stages
7.3
Output stage
7.4
Pedestal blanking
7.5
Output clamping, feedback references and
DAC outputs
7.6
Clamping and blanking pulses
7.7
On Screen Display (OSD)
7.8
Subcontrast adjustment, contrast modulation
and beam current limiting
7.9
I2C-bus control
7.10
I2C-bus data buffer
8
LIMITING VALUES
9
THERMAL CHARACTERISTICS
10
CHARACTERISTICS
11
I2C-BUS PROTOCOL
12
TEST AND APPLICATION INFORMATION
12.1
Test boards
12.2
Recommendations for building the application
board
13
INTERNAL CIRCUITRY
14
PACKAGE OUTLINE
15
SOLDERING
15.1
Introduction to soldering through-hole mount
packages
15.2
Soldering by dipping or by solder wave
15.3
Manual soldering
15.4
Suitability of through-hole mount IC packages
for dipping and wave soldering methods
16
DEFINITIONS
17
LIFE SUPPORT APPLICATIONS
18
PURCHASE OF PHILIPS I2C COMPONENTS


同様の部品番号 - TDA4886A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA4886 PHILIPS-TDA4886 Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Nov 11
More results

同様の説明 - TDA4886A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA4886 PHILIPS-TDA4886 Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Nov 11
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
   150 MHz video controller with I2C-bus
1997 Nov 25
logo
Sony Corporation
CXA1314P SONY-CXA1314P Datasheet
287Kb / 14P
   VIDEO SWITCH COMPATIBLE WITH I2C BUS
logo
NXP Semiconductors
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
   I2C-bus controller
1997 Oct 21
logo
Sony Corporation
CXA1114P SONY-CXA1114P Datasheet
367Kb / 20P
   AUDIO VIDEO SWITCH COMPATIBLE WITH I2C BUS
logo
List of Unclassifed Man...
NJW1321 ETC2-NJW1321 Datasheet
167Kb / 12P
   WIDE BAND VIDEO SWITCH WITH I2C BUS
logo
Sony Corporation
CXA2040Q SONY-CXA2040Q Datasheet
381Kb / 22P
   I2C Bus-Compatible Video Switch
CXA2040AQ SONY-CXA2040AQ Datasheet
257Kb / 21P
   I2C Bus-Compatible Video Switch
logo
NXP Semiconductors
SC18IM700 NXP-SC18IM700 Datasheet
127Kb / 22P
   Master I2C-bus controller with UART interface
Rev. 02-10 August 2007
PCA9564 PHILIPS-PCA9564_06 Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com