データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4954US データシート(PDF) 4 Page - Microsemi Corporation

部品番号 1N4954US
部品情報  VOIDLESS-HERMETICALLY-SEALED Surface Mount 5 WATT GLASS ZENER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4954US データシート(HTML) 4 Page - Microsemi Corporation

  1N4954US Datasheet HTML 1Page - Microsemi Corporation 1N4954US Datasheet HTML 2Page - Microsemi Corporation 1N4954US Datasheet HTML 3Page - Microsemi Corporation 1N4954US Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VOIDLESS-HERMETICALLY-SEALED
Surface Mount 5 WATT GLASS ZENER
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4
Copyright
 2004
11-22-2004 REV B
SCOTTSD A L E DIVISION
1N4954US thru 1N4996US, 1N5968US thru
1N5969US, and 1N6632US thru 1N6637US
PACKAGE DIMENSIONS AND PAD LAYOUT
This Package Outline has also previously
been identified as “D-5B”
Note: If mounting requires adhesive separate from the solder,
an additional 0.080 inch diameter contact may be placed in the
center between the pads as an optional spot for cement as
shown in the pad layout.


同様の部品番号 - 1N4954US

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N4954US MICROSEMI-1N4954US Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
logo
Semtech Corporation
1N4954US SEMTECH-1N4954US Datasheet
72Kb / 3P
   Surface Mount(US),5 WATT Voltage Regulators
logo
Sensitron
1N4954US SENSITRON-1N4954US Datasheet
127Kb / 3P
   Zener 5W Voltage Regulator
1N4954US SENSITRON-1N4954US Datasheet
105Kb / 3P
   Zener 5W Voltage Regulator
logo
Semtech Corporation
1N4954US SEMTECH-1N4954US_10 Datasheet
72Kb / 3P
   Surface Mount(US),5 WATT Voltage Regulators
More results

同様の説明 - 1N4954US

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460_10 Datasheet
185Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
1N4465JANTX MICROSEMI-1N4465JANTX Datasheet
446Kb / 6P
   VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
JANTX1N5618US MICROSEMI-JANTX1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT STANDARD RECOVERY GLASS RECTIFIERS
1N5186US MICROSEMI-1N5186US Datasheet
270Kb / 2P
   VOIDLESS-HERMETICALLY SEALED SURFACE MOUNT FAST RECOVERY GLASS RECTIFIERS
1N5415US MICROSEMI-1N5415US Datasheet
324Kb / 3P
   VOIDLESS-HERMETICALLY SEALED SURFACE MOUNT FAST RECOVERY GLASS RECTIFIERS
1N5614US MICROSEMI-1N5614US Datasheet
158Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT STANDARD RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com