データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA5360UK データシート(PDF) 11 Page - NXP Semiconductors

部品番号 TDA5360UK
部品情報  Pre-Amplifier for Hard Disk Drive with MR-Read / Inductive Write Heads
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5360UK データシート(HTML) 11 Page - NXP Semiconductors

Back Button TDA5360UK Datasheet HTML 7Page - NXP Semiconductors TDA5360UK Datasheet HTML 8Page - NXP Semiconductors TDA5360UK Datasheet HTML 9Page - NXP Semiconductors TDA5360UK Datasheet HTML 10Page - NXP Semiconductors TDA5360UK Datasheet HTML 11Page - NXP Semiconductors TDA5360UK Datasheet HTML 12Page - NXP Semiconductors TDA5360UK Datasheet HTML 13Page - NXP Semiconductors TDA5360UK Datasheet HTML 14Page - NXP Semiconductors TDA5360UK Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
1998 July 30
Philips Semiconductors
Objective Specification, Revision 2.2
Pre-Amplifier for Hard Disk Drive with
MR-Read / Inductive Write Heads
TDA5360
11
9.5
SLEEP mode
The sleep mode is selected by programming bits MODE0 and MODE1. (see Reg.09)
In Sleep Mode, the IC is accessible via the Serial Interface. All circuits, other than those of the CMOS Serial Interface
and the circuit which forces the data registers to their default values at power up and which fixes the DC level of RDp-
RDn (required when operating with more than one amplifier), are inactive. Typical static current consumption is less than
one mA, depending on the state of the logic pins where internal pull-up or pull-down resistors are connected. Dynamic
current consumption during operation of the Serial Interface in the Sleep mode and owing to external activity at the inputs
to the Serial Interface is not included. In all Modes including the Sleep mode, data registers can be
programmed. Sleep is the default Mode at power-up. Switching to other modes takes less than 0.1 ms.
The CMM of RDP and RDN is the same as in Standby or Active mode. (see Note)
Internal fault detectors are powered off.
Note 1 : At power-up, as long as DRN pin is LOW, a reset of the Serial Interface registers occurs. Before any register
programmation, the user should first force DRN pin to HIGH in order to exit the reset mode and enable a register
programmation. See description of DRN function in (10.6).
Note 2 : As a goal, the CMM of RDP and RDN is identical in all operating modes. The term “high-impedance” here means
at least 10 to 20 kOhm from RDP or RDN to an internal CMM voltage reference.


同様の部品番号 - TDA5360UK

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
logo
Infineon Technologies A...
TDA5340 INFINEON-TDA5340 Datasheet
2Mb / 63P
   High Sensitivity Multi-Channel Transceiver
Revision 1.2, 13.06.2012
logo
NXP Semiconductors
TDA5341 PHILIPS-TDA5341 Datasheet
169Kb / 28P
   Brushless DC motor and VCM drive circuit with speed control
1997 Jul 10
TDA5341G PHILIPS-TDA5341G Datasheet
169Kb / 28P
   Brushless DC motor and VCM drive circuit with speed control
1997 Jul 10
More results

同様の説明 - TDA5360UK

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA5153 PHILIPS-TDA5153 Datasheet
128Kb / 28P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5155 PHILIPS-TDA5155 Datasheet
112Kb / 24P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Apr 08
logo
Sony Corporation
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
   2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com