データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA5630T データシート(PDF) 8 Page - NXP Semiconductors

部品番号 TDA5630T
部品情報  9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5630T データシート(HTML) 8 Page - NXP Semiconductors

Back Button TDA5630T Datasheet HTML 4Page - NXP Semiconductors TDA5630T Datasheet HTML 5Page - NXP Semiconductors TDA5630T Datasheet HTML 6Page - NXP Semiconductors TDA5630T Datasheet HTML 7Page - NXP Semiconductors TDA5630T Datasheet HTML 8Page - NXP Semiconductors TDA5630T Datasheet HTML 9Page - NXP Semiconductors TDA5630T Datasheet HTML 10Page - NXP Semiconductors TDA5630T Datasheet HTML 11Page - NXP Semiconductors TDA5630T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1996 Mar 21
8
Philips Semiconductors
Product specification
9 V VHF, hyperband and UHF
mixer/oscillator for TV and VCR 3-band tuners
TDA5630;
TDA5631
Zi
input impedance (RS +jLSω)RS at fRF = 430 MHz; see Fig.15; note 4
40
−Ω
RS at fRF = 860 MHz; see Fig.15; note 4
53
−Ω
LS at fRF = 430 to 860 MHz; see Fig.15;
note 4
9
nH
Band C oscillator
fOSC
frequency range
note 5
470
900
MHz
fshift
frequency shift
∆VP = 10%; note 6
−−
400
kHz
fdrift
frequency drift
∆T=25 °C with no compensation;
NP0 capacitors; note 7
−−
2.5
MHz
5 s to 15 min after switch on; with no
compensation; NP0 capacitors; note 8
−−
600
kHz
IF amplifier
S22
output reflection coefficient
magnitude; see Fig.16; note 4
−−10
dB
phase; see Fig.16; note 4
9
o
Zo
output impedance
(RS +jLSω)
RS; see Fig.16; note 4
95
−Ω
LS; see Fig.16; note 4
45
nH
LO output; RL = 100 Ω
Yo
output admittance
(GP +jCPω)
fosc = 80 MHz; see Fig.17; note 4
2.5
mS
0.9
pF
fosc = 900 MHz; see Fig.17; note 4
3.5
mS
0.7
pF
Vo
output voltage
RL = 100 Ω
83
91
100
dB
µV
SRF
spurious signal on LO output
with respect to LO output
signal
note 10
−−−10
dBc
SHD
LO signal harmonics with
respect to LO signal
−−−10
dBc
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


同様の部品番号 - TDA5630T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
More results

同様の説明 - TDA5630T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com