データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA5637BT データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TDA5637BT
部品情報  9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5637BT データシート(HTML) 6 Page - NXP Semiconductors

Back Button TDA5637BT Datasheet HTML 2Page - NXP Semiconductors TDA5637BT Datasheet HTML 3Page - NXP Semiconductors TDA5637BT Datasheet HTML 4Page - NXP Semiconductors TDA5637BT Datasheet HTML 5Page - NXP Semiconductors TDA5637BT Datasheet HTML 6Page - NXP Semiconductors TDA5637BT Datasheet HTML 7Page - NXP Semiconductors TDA5637BT Datasheet HTML 8Page - NXP Semiconductors TDA5637BT Datasheet HTML 9Page - NXP Semiconductors TDA5637BT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1996 Dec 02
6
Philips Semiconductors
Product specification
9 V VHF hyperband and UHF mixer/oscillator
for TV and VCR 3-band tuners
TDA5636B; TDA5637B
Fig.2 Pin configuration (TDA5636B).
handbook, halfpage
TDA5636B
MGC502
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CIN1
AOSCIB
COSCIB2
AOSCOC
COSCOC2
COSCOC1
BOSCIB
COSCIB1
BOSCOC
GND2
BS
IFOUT2
IFOUT1
CIN2
RFGND
BIN1
BIN2
AIN
V
MIXOUT1
MIXOUT2
GND1
LOOUT1
LOOUT2
P
Fig.3 Pin configuration (TDA5637B).
handbook, halfpage
TDA5637B
MGC503
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
AOSCIB
CIN1
CIN2
RFGND
BIN1
BIN2
AIN
MIXOUT1
MIXOUT2
GND1
LOOUT1
LOOUT2
COSCIB2
AOSCOC
COSCOC2
COSCOC1
BOSCIB
COSCIB1
V
BOSCOC
GND2
BS
IFOUT2
IFOUT1
P


同様の部品番号 - TDA5637BT

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA5637 PHILIPS-TDA5637 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5637M PHILIPS-TDA5637M Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5637T PHILIPS-TDA5637T Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
More results

同様の説明 - TDA5637BT

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com