データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA5744 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 TDA5744
部品情報  Low power mixers/oscillators for hyperband tuners
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5744 データシート(HTML) 2 Page - NXP Semiconductors

  TDA5744 Datasheet HTML 1Page - NXP Semiconductors TDA5744 Datasheet HTML 2Page - NXP Semiconductors TDA5744 Datasheet HTML 3Page - NXP Semiconductors TDA5744 Datasheet HTML 4Page - NXP Semiconductors TDA5744 Datasheet HTML 5Page - NXP Semiconductors TDA5744 Datasheet HTML 6Page - NXP Semiconductors TDA5744 Datasheet HTML 7Page - NXP Semiconductors TDA5744 Datasheet HTML 8Page - NXP Semiconductors TDA5744 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1998 Mar 09
2
Philips Semiconductors
Preliminary specification
Low power mixers/oscillators for
hyperband tuners
TDA5744; TDA5745
FEATURES
• Mixers/oscillators for hyperband tuners
• Balanced mixer with a common emitter input for VHF
(single input)
• Balanced mixer with a common base input for UHF
(double input)
• 4-pin common emitter oscillator for VHF
• 4-pin common emitter oscillator for UHF
• Electronic band switch
• IF amplifier with a low output impedance to drive the
SAW filter directly (
≈2kΩ load)
• Low power, low radiation and small size
• Pin compatible single-chip synthesizer mixer/oscillator
for Full Scale Tuners (FST) are available: TDA6404,
TDA6405 and TDA6405A.
APPLICATIONS
• Hyperband tuners for Europe using a 2-band
mixer/oscillator in a switched concept.
GENERAL DESCRIPTION
The TDA5744 and TDA5745 are 2-band mixers/oscillators
intended for VHF/UHF and hyperband tuners (see Fig.1).
The Integrated Circuits (ICs) include two double balanced
mixers and two oscillators, for the VHF and UHF band, and
an IF amplifier. With proper oscillator application and by
using a switchable inductor to split the VHF band into two
sub-bands (the full VHF/UHF and hyperband) the TV
bands can be covered. Two pins are available between
the mixer output and the IF amplifier input to enable IF
filtering for improved signal handling. Band selection is
made by band switch pin BS.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
operating
4.5
5
5.5
V
ICC
supply current
58
mA
Tstg
IC storage temperature
−40
+150
°C
Tamb
operating ambient temperature
−20
+85
°C
fi(RF)
RF input frequency
VHF band
45.25
399.25 MHz
UHF band
407.25
855.25 MHz
GV
voltage gain
VHF band
27
dB
UHF band
38
dB
F
noise figure
VHF band
8
dB
UHF band
8.5
dB
Vo
output voltage causing 1% cross
modulation in channel
VHF band
119
dB
µV
UHF band
118
dB
µV
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA5744TS;
TDA5745TS
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1


同様の部品番号 - TDA5744

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TDA5702 ETC1-TDA5702 Datasheet
147Kb / 4P
   8-BIT DIGITAL-TO-ANALOG CONVERTER
TDA5702N ETC1-TDA5702N Datasheet
147Kb / 4P
   8-BIT DIGITAL-TO-ANALOG CONVERTER
TDA5703 ETC1-TDA5703 Datasheet
158Kb / 4P
   ANALOG-TO-DIGITAL CONVERTERR
TDA5703N ETC1-TDA5703N Datasheet
158Kb / 4P
   ANALOG-TO-DIGITAL CONVERTERR
TDA5708 ETC-TDA5708 Datasheet
708Kb / 20P
   PHOTO DIODE SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
More results

同様の説明 - TDA5744

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8010M PHILIPS-TDA8010M Datasheet
83Kb / 11P
   Low power mixers/oscillators for satellite tuners
1996 Oct 24
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
logo
Infineon Technologies A...
SD199E6327 INFINEON-SD199E6327 Datasheet
56Kb / 5P
   For Hyperband TV / VTR tuners, Bd I
2007-03-28
logo
NXP Semiconductors
TDA6404 PHILIPS-TDA6404 Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
logo
Siemens Semiconductor G...
BF569 SIEMENS-BF569 Datasheet
37Kb / 3P
   PNP Silicon RF Transistor (fOR OSCILLATORS, MIXERS AND SELF-OSCILLATING MIXER STAGES IN uhf tv TUNERS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com