データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5470-001-A-B データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 SM5470-001-A-B
部品情報  Low Cost Packaged Pressure Sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SM5470-001-A-B データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  SM5470-001-A-B Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5470-001-A-B Datasheet HTML 2Page - List of Unclassifed Manufacturers SM5470-001-A-B Datasheet HTML 3Page - List of Unclassifed Manufacturers SM5470-001-A-B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SM5430/SM5470
CHARACTERISTICS FOR SM5430/SM5470 - SPECIFICATIONS
All parameters measure at 5V excitation at room temperature, unless otherwise specified.
All Models
Parameter
Min.
Typ.
Max.
Units
Notes
Excitation Voltage
0
5.0
10.0
V
Excitation Current
0
1.5
3.0
mA
Offset
SM5470
SM5430
-75
-50
-30
0
+25
+50
mV
mV
TC Span
-15
-19
-24
%FS/100
°C
1
TC Resistance
33
28
25
%/100
°C
1
Bridge Impedance
2.7
3.3
4.0
k
Operating Temp
-40
85
°C
Storage Temp
-55
125
°C
SM5430 Standard Pressure Series
Span (FS Range), PSI (kPa)
Min.
Typ.
Max.
Units
Notes
5 (34)
75
100
125
mV
3
15 (103)
105
145
175
mV
3
30 (207)
115
165
195
mV
3
60 (414)
115
180
220
mV
3
100 (689)
115
200
250
mV
3
Linearity
-0.2
+ 0.07
+0.2
%FS
4
TC Offset
-5
-1
+5
%FS/100
°C
1
Burst Pressure
>5X
Rated FS Pressure
2
SM5470 Low Pressure Series Only
Span (FS Range), PSI (kPa)
Min.
Typ.
Max.
Units
Notes
0.15 (1.03)
25
50
85
mV
3
0.30 (2.07)
25
50
85
mV
3
0.80 (5.52)
25
50
85
mV
3
1.50 (10.3)
25
50
85
mV
3
3.00 (20.7)
25
50
85
mV
3
Linearity
-0.3
+ 0.1
+0.3
%FS
4
TC Offset
+ 12
%FS/100
°C
1
Burst Pressure
15X
Rated FS Pressure
2
Notes:
1. Measured from 0 to 70
°C
2. Sensor die will survive pressure specified for all ranges. Maximum package pressure is 150 PSI.
3. Measured at 5V, constant voltage excitation
4. Defined s best-fit straight line (BFSL); for 0.3 PSI full-scale, linearity is + 0.5%FS. For 0.15 PSI full-scale, linearity is + 2.5%FS.
ORDERING INFORMATION
Pressure Type
A: Absolute (except 5470)
G: Gauge
D: Differential
Available Cap Type
B: Horizontal Barbed port(s)
C: Vertical Barbed port(s)
Low Pressure
Ranges
PSI
5470
0.15
001
0.30
003
0.80
008
1.50
015
3.00
030
Std. Pressure
Ranges
PSI
5430
5
005
15
015
30
030
60
060
100
100
SM5470 - 008 - G - B
 2004-2006
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ sales@si-micro.com ♦ www.si-micro.com
Rev 1.3 07_06


同様の部品番号 - SM5470-001-A-B

メーカー部品番号データシート部品情報
logo
Silicon Mitus, Inc.
SM5470 SILICONMITUS-SM5470 Datasheet
881Kb / 2P
   A Very High Efficiency Switched Capacitor 6A Charger with Bypass Mode
July 2021 Rev. 0.0.0
More results

同様の説明 - SM5470-001-A-B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SM5420 ETC2-SM5420 Datasheet
216Kb / 2P
   Low-Cost, SO-8 Packaged Pressure Sensor
logo
Sensortechnics GmbH
SCX01DNC SENSORTECHNICS-SCX01DNC Datasheet
111Kb / 4P
   Low cost compensated pressure sensors
logo
Honeywell Solid State E...
19CXXXPA1K HONEYWELL-19CXXXPA1K Datasheet
1Mb / 8P
   Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
13C5000PS4K HONEYWELL-13C5000PS4K Datasheet
873Kb / 8P
   Pressure Sensors Low-cost, Stainless Steel, Isolated Sensors
19C015PA7K HONEYWELL-19C015PA7K Datasheet
630Kb / 8P
   Low Cost, Stainless Steel,Isolated Pressure Sensors
logo
Honeywell Accelerometer...
19C015PV1L HONEYWELL-ACC-19C015PV1L Datasheet
630Kb / 8P
   Low Cost, Stainless Steel, Isolated Pressure Sensors
logo
Sensortechnics GmbH
SDX15A2 SENSORTECHNICS-SDX15A2 Datasheet
94Kb / 4P
   Low cost compensated pressure sensors in DIP package
SXL010D SENSORTECHNICS-SXL010D Datasheet
51Kb / 2P
   Low pressure sensors
SLP004D SENSORTECHNICS-SLP004D Datasheet
71Kb / 4P
   Low pressure sensors
logo
All Sensors Corporation
1INCH-G-4V ASC-1INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com