データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA6111 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 TDA6111
部品情報  Video output amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6111 データシート(HTML) 7 Page - NXP Semiconductors

Back Button TDA6111 Datasheet HTML 3Page - NXP Semiconductors TDA6111 Datasheet HTML 4Page - NXP Semiconductors TDA6111 Datasheet HTML 5Page - NXP Semiconductors TDA6111 Datasheet HTML 6Page - NXP Semiconductors TDA6111 Datasheet HTML 7Page - NXP Semiconductors TDA6111 Datasheet HTML 8Page - NXP Semiconductors TDA6111 Datasheet HTML 9Page - NXP Semiconductors TDA6111 Datasheet HTML 10Page - NXP Semiconductors TDA6111 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1995 Feb 07
7
Philips Semiconductors
Preliminary specification
Video output amplifier
TDA6111Q
Notes
1. If the difference between VDDL and Vip is less than 7 V, overshoot cannot be specified.
2. SVRR: The ratio of the change in supply voltage to the change in input voltage when there is no change in output
voltage.
Ov
cathode output voltage overshoot
VocAC = 100 V (p-p);
VocDC = 100 V square
wave; f < 1 MHz;
tr =tf =22ns;
see Figs 4 and 5; note 1
9
%
SVRRH
high supply voltage rejection ratio
f < 50 kHz; note 2
85
dB
SVRRL
low supply voltage rejection ratio
f < 50 kHz; note 2
70
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Cathode output
The cathode output is protected against peak currents
(caused by positive voltage peaks during high-resistance
flash) of 5 A maximum with a charge content of 100
µC.
The cathode is also protected against peak currents
(caused by positive voltage peaks during low-resistance
flash) of 10 A maximum with a charge content of 100 nC.
Flashover protection
The TDA6111Q incorporates protection diodes against
CRT flashover discharges that clamp the cathode output
pin to the VDDH pin. The DC supply voltage at the VDDH pin
has to be within the operating range of 180 to 210 V to
ensure that the Absolute Maximum Rating for VDDH of
250 V will not be exceeded during flashover. To limit the
diode current, an external 680
Ω carbon high-voltage
resistor in series with the cathode output and a 2 kV spark
gap are needed (for this resistor-value, the CRT has to be
connected to the main PCB). This addition produces an
increase in the rise and fall times of approximately 5 ns
and a decrease in the overshoot of approximately 4%.
VDDH to GND must be decoupled:
1. With a capacitor >20 nF with good HF behaviour
(e.g. foil). This capacitance must be placed as close
as possible to pins 6 and 4, but definitely within 5 mm.
2. With a capacitor >10
µF on the picture tube base print
(common for three output stages).
VDDL to GND must be decoupled:
1. With a capacitor >20 nF with good HF behaviour
(e.g. ceramic). This capacitance must be placed as
close as possible to pins 2 and 4, but definitely within
10 mm.
Switch-off behaviour
The switch-off behaviour of the TDA6111Q is defined:
when the bias current becomes zero, at VDDL (pin 2) lower
than approximately 5 V, all the output pins
(pins 7, 8 and 9) will be high.


同様の部品番号 - TDA6111

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TDA6111Q TOSHIBA-TDA6111Q Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results

同様の説明 - TDA6111

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA6101Q PHILIPS-TDA6101Q Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6106Q PHILIPS-TDA6106Q Datasheet
111Kb / 12P
   Video output amplifier
1997 Mar 03
TDA6120Q PHILIPS-TDA6120Q Datasheet
117Kb / 16P
   Video output amplifier
1997 Aug 27
logo
STMicroelectronics
TDA8153 STMICROELECTRONICS-TDA8153 Datasheet
169Kb / 11P
   RGB VIDEO OUTPUT AMPLIFIER
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6108JF PHILIPS-TDA6108JF Datasheet
315Kb / 16P
   Triple video output amplifier
1999 Oct 29
logo
Integral Corp.
ILA6107Q INTEGRAL-ILA6107Q Datasheet
151Kb / 5P
   Triple video output amplifier
logo
KODENSHI_AUK CORP.
KKA6107Q KODENSHI-KKA6107Q Datasheet
130Kb / 7P
   Triple video output amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com