データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA6405TS データシート(PDF) 9 Page - NXP Semiconductors

部品番号 TDA6405TS
部品情報  5 V mixer/oscillator-PLL synthesizers for hyperband tuners
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6405TS データシート(HTML) 9 Page - NXP Semiconductors

Back Button TDA6405TS Datasheet HTML 5Page - NXP Semiconductors TDA6405TS Datasheet HTML 6Page - NXP Semiconductors TDA6405TS Datasheet HTML 7Page - NXP Semiconductors TDA6405TS Datasheet HTML 8Page - NXP Semiconductors TDA6405TS Datasheet HTML 9Page - NXP Semiconductors TDA6405TS Datasheet HTML 10Page - NXP Semiconductors TDA6405TS Datasheet HTML 11Page - NXP Semiconductors TDA6405TS Datasheet HTML 12Page - NXP Semiconductors TDA6405TS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
1999 Jan 13
9
Philips Semiconductors
Product specification
5 V mixer/oscillator-PLL synthesizers for
hyperband tuners
TDA6404; TDA6405;
TDA6405A
Table 7
Read data format
Note
1. MSB is transmitted first.
Table 8
Description of symbols used in Table 7
Table 9
Analog-to-digital converter levels; note 1
Note
1. Accuracy is
±0.03VCC.
NAME
BYTE
BITS
ACK
MSB(1)
LSB
Address byte
ADB
1
1000
MA1
MA0
R/W=1
A
Status byte
SB
POR
FL
ACPS
1
1
A2
A1
A0
SYMBOL
DESCRIPTION
A
acknowledge
POR
Power-on reset flag (POR = 1 at power-on)
FL
in-lock flag (FL = 1 when the loop is locked)
ACPS
automatic charge pump switch flag:
ACPS = 0; active
ACPS = 1; not active
A2, A1 and A0
digital outputs of the 5-level ADC (see Table 9)
A2
A1
A0
VOLTAGE APPLIED ON ADC INPUT
1
0
0
0.60VCC to 1.00VCC
0
1
1
0.45VCC to 0.60VCC
0
1
0
0.30VCC to 0.45VCC
0
0
1
0.15VCC to 0.30VCC
0
0
0
0 to 0.15VCC
Power-on reset
The power-on detection threshold voltage VPOR is set to
VCC = 2 V at room temperature. Below this threshold, the
device is reset to the power-on state.
At power-on state, the charge pump current is set to
280
µA, the tuning voltage output is disabled, the test
bits T2, T1 and T0 are set to logic 001 (automatic charge
pump switch ‘ON’) and RSB is set to logic 1.
PUHF is ‘OFF’, which means that the UHF oscillator and
the UHF mixer are switched off. Consequently, the VHF
oscillator and the VHF mixer are switched on. PVHFL and
PVHFH are ‘OFF’, which means that the VHF tank circuit
is working in the VHF I sub-band. The tuning amplifier is
switched off until the first transmission. In that case, the
tank circuit in VHF I is supplied with the maximum tuning
voltage. The oscillator is therefore working at the end of
the VHF I sub-band.


同様の部品番号 - TDA6405TS

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA6402A PHILIPS-TDA6402A Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA6403 PHILIPS-TDA6403 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA6403A PHILIPS-TDA6403A Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
More results

同様の説明 - TDA6405TS

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA6508 PHILIPS-TDA6508 Datasheet
274Kb / 42P
   3-band mixer/oscillator and PLL for terrestrial tuners
2005 Mar 25
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
logo
Infineon Technologies A...
SD199E6327 INFINEON-SD199E6327 Datasheet
56Kb / 5P
   For Hyperband TV / VTR tuners, Bd I
2007-03-28
logo
NXP Semiconductors
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5744 PHILIPS-TDA5744 Datasheet
123Kb / 20P
   Low power mixers/oscillators for hyperband tuners
1998 Mar 09
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
logo
Rohm
BU2616F ROHM-BU2616F Datasheet
108Kb / 5P
   PLL frequency synthesizer for tuners
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com