データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC512TWN1-25P-A1 データシート(PDF) 6 Page - Cree, Inc

部品番号 LC512TWN1-25P-A1
部品情報  5-mm Round LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

LC512TWN1-25P-A1 データシート(HTML) 6 Page - Cree, Inc

  LC512TWN1-25P-A1 Datasheet HTML 1Page - Cree, Inc LC512TWN1-25P-A1 Datasheet HTML 2Page - Cree, Inc LC512TWN1-25P-A1 Datasheet HTML 3Page - Cree, Inc LC512TWN1-25P-A1 Datasheet HTML 4Page - Cree, Inc LC512TWN1-25P-A1 Datasheet HTML 5Page - Cree, Inc LC512TWN1-25P-A1 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.

CLD-CT080.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Kit Number System
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage,
and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the “Cree LED
Lamp Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following
manner:
* Contact your Cree sales representative for ordering information.
Standard Available Kits*
Kit Number
Description
LC512TWN1-25P-A1-00001
5mm Round 25 White, FULL RANK, Bulk Pack
LC512TWN1-25P-A1-00002
5mm Round 25 White, A1, A2, B1, B2, Bulk Pack
LC512TWN1-25P-A1-00003
5mm Round 25 White, A2, B1, B2, Bulk Pack
* Please contact your Cree representative about the availability of non-standard kits.
aaaaaaaaa-aaa-aa- x x x x x
Wd/Color
1: Full-color distribution
2~9, A~Z . . . : special request *
I
V
0: Full luminous intensity distribution
1~9, A~Z . . . :special request *
V
F
0: Full forward voltage distribution
1~9, A~Z . . . : special request *
Packing type
0: Standard = Bulk pack
1~9, A~Z . . . : special request *
Standard/Custom
0: Standard
C: Custom
Product P/N


同様の部品番号 - LC512TWN1-25P-A1

メーカー部品番号データシート部品情報
logo
Marktech Corporate
LC512TWN1-25G-A MARKTECH-LC512TWN1-25G-A Datasheet
209Kb / 2P
   Ultra Bright White 5mm LED
logo
List of Unclassifed Man...
LC512TWN1-25G-A1 ETC2-LC512TWN1-25G-A1 Datasheet
165Kb / 5P
   SPECIFICATION FOR COTCO LED LAMP
logo
Marktech Corporate
LC512TWN1-25H-A MARKTECH-LC512TWN1-25H-A Datasheet
209Kb / 2P
   Ultra Bright White 5mm LED
logo
Cree, Inc
LC512TWN1-25Q-A1 CREE-LC512TWN1-25Q-A1 Datasheet
358Kb / 6P
   5-mm Round LED
More results

同様の説明 - LC512TWN1-25P-A1

メーカー部品番号データシート部品情報
logo
Cree, Inc
LC503TBL1-50P-A CREE-LC503TBL1-50P-A Datasheet
327Kb / 5P
   5-mm Round LED
LC512TWN1-25Q-A1 CREE-LC512TWN1-25Q-A1 Datasheet
358Kb / 6P
   5-mm Round LED
LC534TBL1-60Q-A CREE-LC534TBL1-60Q-A Datasheet
328Kb / 5P
   5-mm Round LED
LC503TBG1-30P-A CREE-LC503TBG1-30P-A Datasheet
338Kb / 5P
   5-mm Round LED
LC503TBG1-30Q-A CREE-LC503TBG1-30Q-A Datasheet
346Kb / 5P
   5-mm Round LED
logo
Marktech Corporate
C513A MARKTECH-C513A_15 Datasheet
598Kb / 10P
   5-mm Round LED
logo
Cree, Inc
LC503TPG1-30P-A1 CREE-LC503TPG1-30P-A1 Datasheet
333Kb / 5P
   5-mm Round LED
LC503TWN1-50Q-A1 CREE-LC503TWN1-50Q-A1 Datasheet
365Kb / 6P
   5-mm Round LED
LC512TWR1-25P-A1 CREE-LC512TWR1-25P-A1 Datasheet
352Kb / 6P
   5-mm Round LED
LC503TPG1-50P-A CREE-LC503TPG1-50P-A Datasheet
359Kb / 5P
   5-mm Round LED
LC503TWR1-15P-A1 CREE-LC503TWR1-15P-A1 Datasheet
350Kb / 6P
   5-mm Round LED
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com