データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC512TWN1-25Q-A1 データシート(PDF) 4 Page - Cree, Inc

部品番号 LC512TWN1-25Q-A1
部品情報  5-mm Round LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

LC512TWN1-25Q-A1 データシート(HTML) 4 Page - Cree, Inc

  LC512TWN1-25Q-A1 Datasheet HTML 1Page - Cree, Inc LC512TWN1-25Q-A1 Datasheet HTML 2Page - Cree, Inc LC512TWN1-25Q-A1 Datasheet HTML 3Page - Cree, Inc LC512TWN1-25Q-A1 Datasheet HTML 4Page - Cree, Inc LC512TWN1-25Q-A1 Datasheet HTML 5Page - Cree, Inc LC512TWN1-25Q-A1 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.

CLD-CT08.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Graphs
5/5
Format #: COTCO-D-074 REV.4
Document No. SPE/LC512TWN1-25P-A1
Rev. No.
04
Graphs
FIG.3 RELATIVE LUMINOUS INTENSITY VS.
100.0
FIG.1 FORWARD CURRENT VS.
FORWARD CURRENT
20.0
1.0
0.0
0.0
3.0
2.0
4.0
60.0
40.0
80.0
3.4
FORWARD VOLTAGE.
5.0
0.0
3.0
20.0
3.8
4.2
4.6
If (mA)
80.0
60.0
40.0
100.0
If(mA)
5.0
Vf(V)
50% Power Angle :
FIG.6 FAR FIELD PATTERN
FIG.2 REVERSE CURRENT VS.
REVERSE VOLTAGE.
I (RELATIVE LUMINOUS INTENSITY)
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
WAVELENGTH.
Half Power
WL=150nm
-90
-60
-30
0%
400
25%
50%
75%
100%
Vr(V)
-50
-40
30
0
60
90
0%
0%
0
25
20%
20%
40%
40%
60%
60%
80%
80%
100%
100%
Ie(%)
700
500 600
800
-40.0
-50.0
Ir(uA)
0.0
-10.0
-30.0
-20.0
-30
-20
-10
0
FIG.5 MAXIMUM FORWARD DC CURRENT VS
80.0
40.0 60.0
0.0 20.0
100.0
AMBIENT TEMPERATURE (Tjmax=105 C)
30
10
0
20
40
50
IF(mA)
Ta( C)
Items
Signatures
Date
Revision History
Prepared by
LiuZM
2007-04-26
Rev. No
Date
Change Description
Checked by
HuangJD
2007-04-26
02
2006-04-17 Cancel VF bin.
Approved by
David
2007-04-26
03
2006-06-29 Change FIG.5
FCN#
FCN20070432
04
2007-04-26 Change tolerance of CIE(x,y) from +/-0.015 to +/-0.01
Data is subject to change without prior notice; please refer to COTCO Website for the latest version.
Copyright@2002 Cotco International Ltd.


同様の部品番号 - LC512TWN1-25Q-A1

メーカー部品番号データシート部品情報
logo
Marktech Corporate
LC512TWN1-25G-A MARKTECH-LC512TWN1-25G-A Datasheet
209Kb / 2P
   Ultra Bright White 5mm LED
logo
List of Unclassifed Man...
LC512TWN1-25G-A1 ETC2-LC512TWN1-25G-A1 Datasheet
165Kb / 5P
   SPECIFICATION FOR COTCO LED LAMP
logo
Marktech Corporate
LC512TWN1-25H-A MARKTECH-LC512TWN1-25H-A Datasheet
209Kb / 2P
   Ultra Bright White 5mm LED
logo
Cree, Inc
LC512TWN1-25P-A1 CREE-LC512TWN1-25P-A1 Datasheet
352Kb / 6P
   5-mm Round LED
More results

同様の説明 - LC512TWN1-25Q-A1

メーカー部品番号データシート部品情報
logo
Cree, Inc
LC503TBL1-50P-A CREE-LC503TBL1-50P-A Datasheet
327Kb / 5P
   5-mm Round LED
LC534TBL1-60Q-A CREE-LC534TBL1-60Q-A Datasheet
328Kb / 5P
   5-mm Round LED
LC503TBG1-30P-A CREE-LC503TBG1-30P-A Datasheet
338Kb / 5P
   5-mm Round LED
LC503TBG1-30Q-A CREE-LC503TBG1-30Q-A Datasheet
346Kb / 5P
   5-mm Round LED
logo
Marktech Corporate
C513A MARKTECH-C513A_15 Datasheet
598Kb / 10P
   5-mm Round LED
logo
Cree, Inc
LC503TPG1-30P-A1 CREE-LC503TPG1-30P-A1 Datasheet
333Kb / 5P
   5-mm Round LED
LC503TWN1-50Q-A1 CREE-LC503TWN1-50Q-A1 Datasheet
365Kb / 6P
   5-mm Round LED
LC512TWR1-25P-A1 CREE-LC512TWR1-25P-A1 Datasheet
352Kb / 6P
   5-mm Round LED
LC503TPG1-50P-A CREE-LC503TPG1-50P-A Datasheet
359Kb / 5P
   5-mm Round LED
LC503TWR1-15P-A1 CREE-LC503TWR1-15P-A1 Datasheet
350Kb / 6P
   5-mm Round LED
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com