データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8044 データシート(PDF) 9 Page - NXP Semiconductors

部品番号 TDA8044
部品情報  Satellite demodulator and decoder
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8044 データシート(HTML) 9 Page - NXP Semiconductors

Back Button TDA8044 Datasheet HTML 5Page - NXP Semiconductors TDA8044 Datasheet HTML 6Page - NXP Semiconductors TDA8044 Datasheet HTML 7Page - NXP Semiconductors TDA8044 Datasheet HTML 8Page - NXP Semiconductors TDA8044 Datasheet HTML 9Page - NXP Semiconductors TDA8044 Datasheet HTML 10Page - NXP Semiconductors TDA8044 Datasheet HTML 11Page - NXP Semiconductors TDA8044 Datasheet HTML 12Page - NXP Semiconductors TDA8044 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2000 Feb 21
9
Philips Semiconductors
Product specification
Satellite demodulator and decoder
TDA8044
Pin compatibility
The TDA8044 is backwards pin compatible with the TDA8043, this means that the functional pins of the TDA8043 have
been left unchanged on the TDA8044. However due to extra functionality of the TDA8044, some of the not connected
pins of the TDA8043 have become functional pins on the TDA8044. Table 1 lists the modified pins of the TDA8044.
Table 1
Modified pins of the TDA8044
If it is required to replace the TDA8043 with the TDA8044 and the pins with extra functionality are not required, then the
following measures on the PCB layout must be taken to avoid I/O conflicts in the TDA8044:
• Pin numbers 4, 5, 26, 27, 36, 37, 47, 65, 92, 93 and 95 must be put to ground
• Pin numbers 39, 64 and 91 must be left not connected.
With these measures it is possible to use the TDA8043 and the TDA8044 on the same PCB without any problems.
In order to use pins with the extra functionality of the TDA8044, PCB layout changes are necessary.
PIN
TDA8043 FUNCTION
TDA8044 SYMBOL
TDA8044 FUNCTION
4
not connected
CFS
clock frequency selection
5
not connected
VSSD2
digital ground
26
not connected
P5
I/O expander bit 5
27
not connected
P4
I/O expander bit 4
36
not connected
VSSD6
digital ground
37
not connected
VSSD7
digital ground
39
not connected
POR
Power-on reset
47
not connected
VSSD9
digital ground
64
not connected
SCLT
serial clock of I2C-bus loop-through
65
not connected
SDAT
serial data of I2C-bus loop-through
91
not connected
D22
22 kHz generation output
92
not connected
VSSD15
digital ground
93
not connected
VSSD16
digital ground
95
not connected
VSSD(test)
test pin, connect to ground


同様の部品番号 - TDA8044

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
TDA8041H PHILIPS-TDA8041H Datasheet
95Kb / 16P
   Quadrature demodulator controller
November 1994
TDA8042 PHILIPS-TDA8042 Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
TDA8043 PHILIPS-TDA8043 Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
More results

同様の説明 - TDA8044

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8083 PHILIPS-TDA8083 Datasheet
87Kb / 16P
   Satellite Demodulator and Decoder SDD3
1999 Jul 28
TDA8043 PHILIPS-TDA8043 Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
logo
Zarlink Semiconductor I...
ZL10312 ZARLINK-ZL10312 Datasheet
340Kb / 15P
   Satellite Demodulator
ZL10313 ZARLINK-ZL10313 Datasheet
450Kb / 26P
   Satellite Demodulator
logo
Synaptics Incorporated.
CX24123 CONEXANT-CX24123 Datasheet
139Kb / 2P
   Demodulator and FEC Decoder Low-power QPSK demodulator for worldwide satellite set-top box applications
logo
Intel Corporation
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
STMicroelectronics
TEA2130 STMICROELECTRONICS-TEA2130 Datasheet
126Kb / 8P
   TV AND SATELLITE DECODER SCANNING PROCESSOR
September 1993
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
logo
Mitel Networks Corporat...
VP305 MITEL-VP305 Datasheet
652Kb / 85P
   Satellite Channel Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com