データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8050A データシート(PDF) 9 Page - NXP Semiconductors

部品番号 TDA8050A
部品情報  QPSK transmitter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8050A データシート(HTML) 9 Page - NXP Semiconductors

Back Button TDA8050A Datasheet HTML 5Page - NXP Semiconductors TDA8050A Datasheet HTML 6Page - NXP Semiconductors TDA8050A Datasheet HTML 7Page - NXP Semiconductors TDA8050A Datasheet HTML 8Page - NXP Semiconductors TDA8050A Datasheet HTML 9Page - NXP Semiconductors TDA8050A Datasheet HTML 10Page - NXP Semiconductors TDA8050A Datasheet HTML 11Page - NXP Semiconductors TDA8050A Datasheet HTML 12Page - NXP Semiconductors TDA8050A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1999 Nov 05
9
Philips Semiconductors
Product specification
QPSK transmitter
TDA8050A
Notes
1. All specification points of the output section and the overall circuit are measured after the 2 : 1 transformer (Siemens
V944) loaded with 75
Ω.
2. Overall phase noise:
a) Converter: I(cp) = 0.36 mA; fref = 25 kHz.
b) I and Q = 100 mVdif.
c) DAC = 28.
d) f = 65 MHz.
3. The crystal oscillator uses a 4, 2 or 1 MHz crystal in series with a capacitor. The crystal is serial resonant with a load
capacitance of 18 to 20 pF. The connection to VCC is preferred but it might also be to GND.
Crystal oscillator
fxtal
crystal frequency
note 3
1
4
MHz
Zi
input impedance
fxtal = 4 MHz
600
1200
−Ω
Vi(DC)
DC input level
2.9
V
Modulator synthesizer
fref(mod)
reference frequency
250
kHz
RDR1
programmable reference divider
ratio
4
16
ND1
fix main divider ratio
1120
I(cp)
charge-pump current
fixed
0.30
mA
Converter synthesizer
fstep
step size
100
500
kHz
RD2
fix reference divider ratio
2
RDR2
programmable reference divider
ratio
see Tables 4 and 5
4
160
ND2
fix main divider ratio
4
NDR2
programmable main divider
ratio
see Tables 4 and 5
290
1800
3-wire bus
VIL
input LOW level
−−
0.8
V
VIH
input HIGH level
2.4
−−
V
Lock detect pin
VO(lock)
output voltage (LOCK)
5
V
VO(unlock)
output voltage (UNLOCK)
0.02
V
Serial control clock
fclk
clock frequency
330
kHz
tsu
input data to CLK set-up time
see Fig.8
2
−µs
th(CLK)
input data to CLK hold time
see Fig.8
1
−µs
td(strt)
delay to rising clock edge
see Fig.8
3
−µs
td(stp)
delay from last clock edge
see Fig.8
3
−µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


同様の部品番号 - TDA8050A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8050 PHILIPS-TDA8050 Datasheet
127Kb / 24P
   TDA8046H
1999 Dec 14
TDA8050T PHILIPS-TDA8050T Datasheet
127Kb / 24P
   TDA8046H
1999 Dec 14
More results

同様の説明 - TDA8050A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA7790M SANYO-LA7790M Datasheet
174Kb / 14P
   QPSK Transmitter for Cable TV
logo
BOWEI Integrated Circui...
QHP-01 BOWEI-QHP-01 Datasheet
142Kb / 1P
   QPSK Modulator
logo
Motorola, Inc
MC145750 MOTOROLA-MC145750 Datasheet
299Kb / 12P
   QPSK Encoder
logo
NXP Semiconductors
TDA8051 PHILIPS-TDA8051 Datasheet
131Kb / 24P
   QPSK receiver
1999 Aug 20
logo
Mini-Circuits
ZMQ-1050 MINI-ZMQ-1050 Datasheet
206Kb / 1P
   QPSK Modulator
QMC-1050 MINI-QMC-1050 Datasheet
186Kb / 1P
   QPSK Modulator
REV. OR
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
   Digital QPSK Demodulator
Jul 2004
logo
Intersil Corporation
HSP50307 INTERSIL-HSP50307 Datasheet
48Kb / 8P
   Burst QPSK Modulator
HSP50306 INTERSIL-HSP50306 Datasheet
37Kb / 8P
   Digital QPSK Demodulator
logo
Skyworks Solutions Inc.
SKY77737 SKYWORKS-SKY77737 Datasheet
98Kb / 2P
   QPSK, 16QAM modulations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com