データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8751T データシート(PDF) 9 Page - NXP Semiconductors

部品番号 TDA8751T
部品情報  QPSK receiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8751T データシート(HTML) 9 Page - NXP Semiconductors

Back Button TDA8751T Datasheet HTML 5Page - NXP Semiconductors TDA8751T Datasheet HTML 6Page - NXP Semiconductors TDA8751T Datasheet HTML 7Page - NXP Semiconductors TDA8751T Datasheet HTML 8Page - NXP Semiconductors TDA8751T Datasheet HTML 9Page - NXP Semiconductors TDA8751T Datasheet HTML 10Page - NXP Semiconductors TDA8751T Datasheet HTML 11Page - NXP Semiconductors TDA8751T Datasheet HTML 12Page - NXP Semiconductors TDA8751T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1999 Aug 20
9
Philips Semiconductors
Product specification
QPSK receiver
TDA8051
V1(I-Q)
DC output level on
pin I-Q_OUT
3.1
V
Ro(dif)
output differential resistance
460
−Ω
Overall: Rs =75 Ω/Ri =4kΩ unless otherwise specified
Vo
voltage output on
pins I_OUT and Q_OUT
see Fig.8
48
dBmV
LOlev
LO level on
pins I_OUT and Q_OUT
see Fig.8
−−
−45
dBc
So
spurious emission on
pins I_OUT and Q_OUT
f = 0 to 5 MHz; see Fig.8
−−40 −
dBc
∆GI-Q
gain error on
pins I_OUT and Q_OUT
see Fig.8
−±1
dB
AMR
AM rejection in I and Q
channels
guaranteed by design; see
Fig.9
−−
−40
dBc
IM3
3rd-order intermodulation
guaranteed by design; see
Fig.10
−−
−45
dBc
Voltage Controlled Oscillator (VCO)
fvco(min)
min. oscillation frequency
note 1
88
MHz
fvco(max)
max. oscillation frequency
note 1
260
MHz
αN
(osc)
oscillator phase noise
at 10 kHz
−−75 −
dBc/Hz
at 100 kHz
−−95 −
dBc/Hz
Phase Locked Loop (PLL)
Step
frequency step size
at pin VCO output
100
500
kHz
RD
fixed reference divider ratio
2
−−
RDR
programmable reference
divider ratio
2
80
ND
programmable fix main divider
ratio
4
−−
NDR
main divider ratio
128
2600
I(CP)
charge pump current
300
−µA
Crystal oscillator
fxtal
crystal frequency
rxtal = 25 to 200 Ω
1
4
MHz
Zi
crystal oscillator input
impedance (absolute value)
fxtal = 4 MHz
600
120
0
−Ω
VI(DC)
DC input level
2.9
V
Vi
input level
30
mVrms
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


同様の部品番号 - TDA8751T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
   Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH PHILIPS-TDA8752AH Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH/6 PHILIPS-TDA8752AH/6 Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8752AH/8 PHILIPS-TDA8752AH/8 Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
More results

同様の説明 - TDA8751T

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
RX-PMQPSK-40 AVAGO-RX-PMQPSK-40 Datasheet
183Kb / 1P
   40 Gb/s PM-QPSK Integrated Coherent Receiver
RX-PMQPSK-100 AVAGO-RX-PMQPSK-100 Datasheet
164Kb / 1P
   100 Gb/s PM-QPSK Integrated Coherent Receiver
logo
STMicroelectronics
STV0288 STMICROELECTRONICS-STV0288 Datasheet
196Kb / 3P
   DVB-S and DIRECTV QPSK receiver with autoscan feature
logo
NXP Semiconductors
TDA8050A PHILIPS-TDA8050A Datasheet
125Kb / 28P
   QPSK transmitter
1999 Nov 05
logo
BOWEI Integrated Circui...
QHP-01 BOWEI-QHP-01 Datasheet
142Kb / 1P
   QPSK Modulator
logo
Motorola, Inc
MC145750 MOTOROLA-MC145750 Datasheet
299Kb / 12P
   QPSK Encoder
logo
Mini-Circuits
ZMQ-1050 MINI-ZMQ-1050 Datasheet
206Kb / 1P
   QPSK Modulator
QMC-1050 MINI-QMC-1050 Datasheet
186Kb / 1P
   QPSK Modulator
REV. OR
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
   Digital QPSK Demodulator
Jul 2004
logo
Intersil Corporation
HSP50307 INTERSIL-HSP50307 Datasheet
48Kb / 8P
   Burst QPSK Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com