データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8349 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 TDA8349
部品情報  Multistandard IF amplifier and demodulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8349 データシート(HTML) 7 Page - NXP Semiconductors

Back Button TDA8349 Datasheet HTML 3Page - NXP Semiconductors TDA8349 Datasheet HTML 4Page - NXP Semiconductors TDA8349 Datasheet HTML 5Page - NXP Semiconductors TDA8349 Datasheet HTML 6Page - NXP Semiconductors TDA8349 Datasheet HTML 7Page - NXP Semiconductors TDA8349 Datasheet HTML 8Page - NXP Semiconductors TDA8349 Datasheet HTML 9Page - NXP Semiconductors TDA8349 Datasheet HTML 10Page - NXP Semiconductors TDA8349 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
February 1991
7
Philips Semiconductors
Product specification
Multistandard IF amplifier and demodulator
TDA8349A
CHARACTERISTICS
VP = 12 V; Tamb =25 °C; carrier frequency 38.9 MHz; negative modulation; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
supply
V14-17
supply voltage (pin 14)
10.2
12
13.2
V
I14
supply current
Vi = 10 mV405565
mA
IF amplifier (note 1)
V1-2
input sensitivity
note 2
50
80
µV
R1-2
differential input resistance
note 3
2
k
C1-2
differential input capacitance
note 3
2
pF
∆G
1-2
gain control range
66
72
dB
∆V11
output signal for 50 dB input signal
variation
note 4
0.5
dB
V1-2
maximum input signal
100
−−
mV
f1-2
maximum operating frequency
60
−−
MHz
Video output (note 5)
zero signal output level
note 6
V11
negative modulation
4.75
V
V11
positive modulation
2.65
V
V11
top sync level (top sync AGC)
note 7
2.7
V
V11
white level (white level AGC)
note 8
4.6
V
V11(p-p)
amplitude of video output signal (peak-
to-peak value)
1.7
1.9
2.1
V
V11
amplitude difference (positive/negative)
010
%
V11
video output voltage variation
∆VP =1V
−−30
dB
V11
white spot threshold level
see Fig.3
5.6
V
V11
white spot insertion level
see Fig.3
3.8
V
V11
noise clamping level
see Fig.3
2.3
V
Z11
output impedance
−−
10
I11
maximum sink current
5
10
mA
I11
maximum source current
5
10
mA
B11
bandwidth of demodulated output signal
7.5
10.0
MHz
Gd
differential gain
note 9
2
%
ϕd
differential phase
note 9
7
deg
Ynl
luminance non-linearity
note 10
25
%
intermodulation
see Figs 6 and 7
α
1.1 MHz blue
−−66
dB
α
1.1 MHz yellow
−−60
dB
α
3.3 MHz blue
−−60
dB
α
3.3 MHz yellow
−−60
dB


同様の部品番号 - TDA8349

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
TDA8341 PHILIPS-TDA8341 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
More results

同様の説明 - TDA8349

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
NXP Semiconductors
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
logo
NXP Semiconductors
TDA2549 PHILIPS-TDA2549 Datasheet
83Kb / 9P
   I.F. amplifier and demodulator for multistandard TV receivers
April 1985
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com