データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8354Q データシート(PDF) 7 Page - NXP Semiconductors

部品番号 TDA8354Q
部品情報  Full bridge current driven vertical deflection output circuit in LVDMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8354Q データシート(HTML) 7 Page - NXP Semiconductors

Back Button TDA8354Q Datasheet HTML 3Page - NXP Semiconductors TDA8354Q Datasheet HTML 4Page - NXP Semiconductors TDA8354Q Datasheet HTML 5Page - NXP Semiconductors TDA8354Q Datasheet HTML 6Page - NXP Semiconductors TDA8354Q Datasheet HTML 7Page - NXP Semiconductors TDA8354Q Datasheet HTML 8Page - NXP Semiconductors TDA8354Q Datasheet HTML 9Page - NXP Semiconductors TDA8354Q Datasheet HTML 10Page - NXP Semiconductors TDA8354Q Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1998 Sep 03
7
Philips Semiconductors
Preliminary specification
Full bridge current driven vertical deflection
output circuit in LVDMOS
TDA8354Q
THERMAL CHARACTERISTICS
CHARACTERISTICS
VP = 12 V; Vflb = 45 V; fi = 50 Hz; Ii(bias) = 330 µA; Tamb =25 °C; measured in test circuit of Fig.3; unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-c)
thermal resistance from junction to case
4
K/W
Rth(j-a)
thermal resistance from junction to ambient
in free air
40
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DC supply
VP
operating supply voltage
7.5
12
18
V
Vflb
flyback supply voltage
2
× VP
45
68
V
Iq(av)
average quiescent supply current
during scan
10
15
mA
Iq
quiescent supply current
no signal; no load
60
80
mA
IVflb(av)
average flyback supply current
during scan
−−
10
mA
Output stage A and B
Vloss
voltage loss from pin 10 to 9 and from
pin 5 to 6
Io = 3.2 A (p-p); note 1
−−
6.0
V
voltage loss from pin 4 to 5 and from
pin 9 to 8
−−
4.8
V
voltage loss from pin 10 to 9 and from
pin 5 to 6
Io = 2.2 A (p-p); note 1
−−
4.2
V
voltage loss from pin 4 to 5 and from
pin 9 to 8
−−
3.4
V
LE
linearity error
adjacent blocks
Io = 3.2 A (p-p); note 2
0.5
2
%
not adjacent blocks
Io = 3.2 A (p-p); note 2
0.5
3
%
Vo
output voltage swing (flyback)
Vo(A) − Vo(B)
Ii(diff) = 0.3 mA;
Io = 1.6 A
46
V
V
offset
offset voltage across RM
Ii(diff)=0
Ii(bias) = 500 µA
−−
15
mV
Ii(bias) = 100 µA
−−
13
mV
∆V
offset(T)
offset voltage as function of
temperature
Ii(diff) =0
−−
40
µV/K
Vo(A), Vo(B)
DC output voltage
Ii(diff) = 0; note 3
−−
V
Gv(ol)
open-loop voltage gain V9to5/V3to5
notes 4 and 5
60
dB
V3to5/V2to5 voltage ratio V3to5/V2to5
note 4
0
dB
fres
frequency response (
−3 dB)
open loop
1
kHz
Gi
current gain (Io/Ii(diff))
8000
V
P
2
-------


同様の部品番号 - TDA8354Q

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8350 PHILIPS-TDA8350 Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
TDA8351A PHILIPS-TDA8351A Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
TDA8351AQ PHILIPS-TDA8351AQ Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
More results

同様の説明 - TDA8354Q

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8359J PHILIPS-TDA8359J Datasheet
107Kb / 20P
   Full bridge vertical deflection output circuit in LVDMOS
2002 Jan 21
TDA8357J PHILIPS-TDA8357J Datasheet
96Kb / 16P
   Full bridge vertical deflection output circuit in LVDMOS
1999 Nov 10
TDA8358J PHILIPS-TDA8358J Datasheet
110Kb / 20P
   Full bridge vertical deflection output circuit in LVDMOS with east-west amplifier
1999 Dec 22
logo
NTE Electronics
NTE7147 NTE-NTE7147 Datasheet
33Kb / 4P
   Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster
logo
NXP Semiconductors
TDA4867J PHILIPS-TDA4867J Datasheet
426Kb / 14P
   Full bridge current driven vertical deflection booster
2003 Feb 05
TDA4866 PHILIPS-TDA4866 Datasheet
86Kb / 16P
   Full bridge current driven vertical deflection booster
1999 Jun 14
TDA4866 PHILIPS-TDA4866_V01 Datasheet
114Kb / 20P
   Full bridge current driven vertical deflection booster
2001 Aug 07
logo
Unisonic Technologies
T78041 UTC-T78041_15 Datasheet
165Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Sanyo Semicon Device
LA7840 SANYO-LA7840 Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
LA7845N SANYO-LA7845N Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com