データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8356 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 TDA8356
部品情報  DC-coupled vertical deflection circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8356 データシート(HTML) 5 Page - NXP Semiconductors

  TDA8356 Datasheet HTML 1Page - NXP Semiconductors TDA8356 Datasheet HTML 2Page - NXP Semiconductors TDA8356 Datasheet HTML 3Page - NXP Semiconductors TDA8356 Datasheet HTML 4Page - NXP Semiconductors TDA8356 Datasheet HTML 5Page - NXP Semiconductors TDA8356 Datasheet HTML 6Page - NXP Semiconductors TDA8356 Datasheet HTML 7Page - NXP Semiconductors TDA8356 Datasheet HTML 8Page - NXP Semiconductors TDA8356 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1999 Sep 27
5
Philips Semiconductors
Product specification
DC-coupled vertical deflection circuit
TDA8356
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. IO maximum determined by current protection.
2. Up to VP =18V.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
DC supply
VP
supply voltage
non-operating
40
V
25
V
VFB
flyback supply voltage
50
V
Vertical circuit
IO(p-p)
output current (peak-to-peak value)
note 1
2A
VO(A)
output voltage (pin 7)
52
V
Flyback switch
IM
peak output current
−±1.5
A
Thermal data (in accordance with IEC 747-1)
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−25
+75
°C
Tvj
virtual junction temperature
150
°C
tsc
short-circuiting time
note 2
1hr
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth vj-c
thermal resistance vj-case
4
K/W
Rth vj-a
thermal resistance vj-ambient
in free air
40
K/W


同様の部品番号 - TDA8356

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8350 PHILIPS-TDA8350 Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
TDA8351A PHILIPS-TDA8351A Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
TDA8351AQ PHILIPS-TDA8351AQ Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
More results

同様の説明 - TDA8356

メーカー部品番号データシート部品情報
logo
Integral Corp.
ILA8351 INTEGRAL-ILA8351 Datasheet
279Kb / 6P
   DC-COUPLED VERTICAL DEFLECTION CIRCUIT
logo
KODENSHI_AUK CORP.
KKA8356 KODENSHI-KKA8356 Datasheet
189Kb / 5P
   DC-coupled vertical deflection circuit
logo
NXP Semiconductors
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
logo
KODENSHI_AUK CORP.
KKA8351 KODENSHI-KKA8351 Datasheet
127Kb / 6P
   DC-COUPLED VERTICAL DEFLECTION CIRCUIT
logo
NXP Semiconductors
TDA8351AQ PHILIPS-TDA8351AQ Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
logo
NTE Electronics
NTE7156 NTE-NTE7156 Datasheet
36Kb / 4P
   Integrated Circuit DC-Coupled Vertical Deflection Circuit
NTE7131 NTE-NTE7131 Datasheet
29Kb / 4P
   Integrated Circuit DC-Coupled Vertical Deflection Circuit
logo
NXP Semiconductors
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
logo
NTE Electronics
NTE7162 NTE-NTE7162 Datasheet
47Kb / 4P
   Integrated Circuit DC−Coupled Vertical Deflection and East−West Output Circuit
logo
STMicroelectronics
TDA1770A STMICROELECTRONICS-TDA1770A Datasheet
592Kb / 13P
   VERTICAL DEFLECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com